Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS5912 Datasheet(PDF) 3 Page - OSRAM GmbH

Part # AS5912
Description  AS5912 512-channel low noise current-to-digital converter
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

AS5912 Datasheet(HTML) 3 Page - OSRAM GmbH

  AS5912 Datasheet HTML 1Page - OSRAM GmbH AS5912 Datasheet HTML 2Page - OSRAM GmbH AS5912 Datasheet HTML 3Page - OSRAM GmbH AS5912 Datasheet HTML 4Page - OSRAM GmbH AS5912 Datasheet HTML 5Page - OSRAM GmbH AS5912 Datasheet HTML 6Page - OSRAM GmbH AS5912 Datasheet HTML 7Page - OSRAM GmbH AS5912 Datasheet HTML 8Page - OSRAM GmbH AS5912 Datasheet HTML 9Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
AS5912
General description
Short Datasheet
• PUBLIC • Document Feedback
DS001050
• v1-00 • 2024-Feb-16
3 / 9
/
AS5912 512-channel low noise current-to-
digital converter
1
General description
The AS5912 is an ultra-low noise, 512-channel low power current to digital converter that
enables the readout of photodiodes of a CT detector with highest sensitivity. The output
currents of 512 photodiodes are converted simultaneously into digital without any dead time
resulting in no charge loss on the inputs. The AS5912 combines current-to-voltage integration
and A/D conversion for 512-channels in one device. The ADC architecture with its low-noise
integrators, coarse quantizer, sample-and-hold and fine quantizer guarantee lowest input
related noise of maximum 0.29 fC (low noise mode) at an input current range of 0.5 µA. The
input current range of the ADC is selectable between 0.5 µA and 1 µA.
The AS5912 supports two supply concepts: a single analog and true ground supply, in both
modes the photodiodes are zero biased for ultra-low dark current of the photodiode. In true
ground mode, the AS5912 operates at ±1.5 V dual analog supply while in single supply mode
only a single analog supply of +3.0 V is needed. The device detects automatically the chosen
supply concept. No external components are required for supply decoupling. To reduce PCB
area and simplify the assembly process, decoupling capacitors for supply and reference
voltages are integrated in the 23 x 15 mm² FBGA package. The on-chip LDOs, reference
voltages and a temperature sensor minimize the external component requirements and
reduces the bill of material.
Full-scale range, integration time and power mode are configurable over a SPI-compatible
serial interface as well as the digital output modes of the LVDS interface. In low power mode,
the power dissipation can be minimized down to 1.25 mW per channel for reduced self-heating
of the CT detector. The adjustable integration time down to 51 µs allow very high frame rates.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com