Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RMB2S Datasheet(PDF) 1 Page - SMC Diode Solutions Co. LTD

Part # RMB2S
Description  RMB2S-RMB6S Miniature Glass Passivated Fast Recovery Surface Mount Bridge Rectifiers
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMCDIODE [SMC Diode Solutions Co. LTD]
Direct Link  https://www.smc-diodes.com
Logo SMCDIODE - SMC Diode Solutions Co. LTD

RMB2S Datasheet(HTML) 1 Page - SMC Diode Solutions Co. LTD

  RMB2S Datasheet HTML 1Page - SMC Diode Solutions Co. LTD RMB2S Datasheet HTML 2Page - SMC Diode Solutions Co. LTD RMB2S Datasheet HTML 3Page - SMC Diode Solutions Co. LTD RMB2S Datasheet HTML 4Page - SMC Diode Solutions Co. LTD RMB2S Datasheet HTML 5Page - SMC Diode Solutions Co. LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Technical Data
Data Sheet N1961, Rev. A
 China - Germany - Korea - Singapore - United States 
 http://www.smc-diodes.com - sales@ smc-diodes.com 
RMB2S
THRU
RMB6S
RMB2S-RMB6S Miniature Glass
Passivated Fast Recovery Surface Mount Bridge Rectifiers
Features
Circuit Diagram
Mechanical Data
Maximum Ratings @TA=25°C unless otherwise specified
Type number
Symbol
RMB2S
RMB4S
RMB6S
Units
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
200
400
600
V
RMS Reverse Voltage
VRMS
140
280
420
V
Maximum average forward current
60Hz sine save resistance load
On glass-epoxy P.C.B.
On aluminum substrate
IF(AV)
0.5
0.8
A
Peak forward surge current 8.3ms single half
sine-wave superimposed on rated load (JEDEC
Method)
IFSM
30
A
Case: Molded plastic body
Terminals: Plated leads solderable per MIL-STD-750,
Method 2026
Polarity: Polarity symbols marked on case
Mounting Position: Any
Weight: 0.0044 ounce, 0.126 grams
Ideal for printed circuit board
Reliable low cost construction utilizing molded
plastic technique
High temperature soldering guaranteed:260°C/
10 seconds at 5 lbs., (2.3kg) tension
Small size, simple installation
High surge current capability
This is a Pb − Free Device
All SMC parts are traceable to the wafer lot
Additional testing can be offered upon request
MB-S


Similar Part No. - RMB2S

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
RMB2S GE-RMB2S Datasheet
42Kb / 2P
MINIATURE GLASS PASSIVATED SINGLE-PHASE SURFACE MOUNT FAST RECOVERY BRIDGE RECTIFIER
logo
Taiwan Semiconductor Co...
RMB2S TSC-RMB2S Datasheet
174Kb / 2P
0.8Amps Miniature Glass Passivated Fast Recovery Surface Mount Bridge Rectifiers
logo
GOOD-ARK Electronics
RMB2S GOOD-ARK-RMB2S Datasheet
140Kb / 2P
Miniature Glass Passivated Fast Recovery Surface Mount Bridge Rectifiers Reverse Voltage 200 to 400 Volts Forward Current 0.5 Ampere
logo
Vishay Siliconix
RMB2S VISHAY-RMB2S Datasheet
230Kb / 4P
Miniature Glass Passivated Fast Recovery Surface Mount Bridge Rectifier
01-Feb-08
logo
Silicon Standard Corp.
RMB2S SSC-RMB2S Datasheet
190Kb / 3P
Surface Mount Bridge Rectifiers
More results

Similar Description - RMB2S

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
RH02 DIODES-RH02 Datasheet
49Kb / 1P
0.5A Surface Mount Glass-Passivated Fast Recovery Bridge Rectifiers--
logo
Taiwan Semiconductor Co...
RMB2S TSC-RMB2S Datasheet
174Kb / 2P
0.8Amps Miniature Glass Passivated Fast Recovery Surface Mount Bridge Rectifiers
logo
Vishay Siliconix
RMB2S VISHAY-RMB2S Datasheet
230Kb / 4P
Miniature Glass Passivated Fast Recovery Surface Mount Bridge Rectifier
01-Feb-08
logo
EIC discrete Semiconduc...
RMB2S EIC-RMB2S Datasheet
43Kb / 2P
Miniature Glass Passivated Fast Recovery Surface Mount Bridge Rectifier
logo
Taiwan Semiconductor Co...
RMB2S TSC-RMB2S_10 Datasheet
568Kb / 2P
0.8Amps Miniature Glass Passivated Fast Recovery Surface Mount Bridge Rectifiers
logo
Vishay Siliconix
MB2S VISHAY-MB2S_13 Datasheet
76Kb / 3P
Miniature Glass Passivated Fast Recovery Surface Mount Bridge Rectifier
19-Aug-13
logo
HY ELECTRONIC CORP.
RS3A HY-RS3A_17 Datasheet
155Kb / 3P
SURFACE MOUNT FAST RECOVERY GLASS PASSIVATED RECTIFIERS
logo
Shenzhen Yixinwei Techn...
RS2A YIXIN-RS2A_08 Datasheet
209Kb / 2P
SURFACE MOUNT FAST RECOVERY GLASS PASSIVATED RECTIFIERS
logo
Vishay Siliconix
MB2S VISHAY-MB2S_V01 Datasheet
106Kb / 5P
Miniature Glass Passivated Fast Recovery Surface-Mount Bridge Rectifier
04-Aug-2020
RMB2S VISHAY-RMB2S_V01 Datasheet
106Kb / 5P
Miniature Glass Passivated Fast Recovery Surface-Mount Bridge Rectifier
04-Aug-2020
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com