Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RMB2S Datasheet(PDF) 2 Page - SMC Diode Solutions Co. LTD

Part # RMB2S
Description  RMB2S-RMB6S Miniature Glass Passivated Fast Recovery Surface Mount Bridge Rectifiers
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMCDIODE [SMC Diode Solutions Co. LTD]
Direct Link  https://www.smc-diodes.com
Logo SMCDIODE - SMC Diode Solutions Co. LTD

RMB2S Datasheet(HTML) 2 Page - SMC Diode Solutions Co. LTD

  RMB2S Datasheet HTML 1Page - SMC Diode Solutions Co. LTD RMB2S Datasheet HTML 2Page - SMC Diode Solutions Co. LTD RMB2S Datasheet HTML 3Page - SMC Diode Solutions Co. LTD RMB2S Datasheet HTML 4Page - SMC Diode Solutions Co. LTD RMB2S Datasheet HTML 5Page - SMC Diode Solutions Co. LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Technical Data
Data Sheet N1961, Rev. A
 China - Germany - Korea - Singapore - United States 
 http://www.smc-diodes.com - sales@ smc-diodes.com 
RMB2S
THRU
RMB6S
* Pulse width < 300 µs, duty cycle < 2%
Note: 1. Mounted on glass epoxy PC board with 1.3mm2 solder pad..
2. Measured at 1.0 MHz and applied reverse voltage of 4.0V D.C.
3. Thermal Resistance From Junction to Ambient
Electrical Characteristics:
Type number
Symbol
RMB2S
RMB4S
RMB6S
Units
Maximum instantaneous forward voltage drop
(Note 1)@ IF = 0.4A
VF
1.0
V
Maximum DC reverse current
TA = 25°C
at rated DC blocking voltage
TA = 125°C
IR
5
100
µA
Maximum reverse recovery time(Note 2)
trr
150
nS
Typical junction capacitance (per leg)
Cj
13
pF
Thermal-Mechanical Specifications:
Type number
Symbol
RMB2S
RMB4S
RMB6S
Units
Typical thermal resistance
RθJA
85
°C/W
Operating junction and storage temperature
range
TJ,TSTG
-55 to +150
°C
Ratings and Characteristics Curves



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com