Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SA1012-O-TF3-R Datasheet(PDF) 2 Page - Unisonic Technologies

Part # 2SA1012-O-TF3-R
Description  HIGH CURRENT SWITCHING APPLICATION
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

2SA1012-O-TF3-R Datasheet(HTML) 2 Page - Unisonic Technologies

  2SA1012-O-TF3-R Datasheet HTML 1Page - Unisonic Technologies 2SA1012-O-TF3-R Datasheet HTML 2Page - Unisonic Technologies 2SA1012-O-TF3-R Datasheet HTML 3Page - Unisonic Technologies 2SA1012-O-TF3-R Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2SA1012
PNP SILICON TRANSISTOR
UNISONIC TECHNOLOGIES CO., LTD
2 of 4
www.unisonic.com.tw
QW-R203-015,E
ABSOLUTE MAXIMUM RATINGS (Ta = 25℃)
PARAMETER
SYMBOL
RATINGS
UNIT
Collector-Base Voltage
VCBO
-60
V
Collector-Emitter Voltage
VCEO
-50
V
Collector-Emitter Voltage
VEBO
-5
V
Peak Collector Current
IC
-5
A
Power Dissipation
PD
25
W
Junction Temperature
TJ
150
℃
Storage Temperature
TSTG
-55 ~ +150
℃
Note Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
ELECTRICAL CHARACTERISTICS (Ta= 25 ,
℃ unless otherwise specified.)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Collector-Base Breakdown Voltage
BVCBO
IC=-100µA, IE=0
-60
V
Collector-Emitter Breakdown Voltage
BVCEO
IC=-10mA, IB=0
-50
V
Emitter-Base Breakdown Voltage
BVEBO
IE=-100µA, IC=0
-5
V
Collector Cut-off Current
ICBO
VCB=-50V, IE=0
-1.0
µA
Emitter Cut-off Current
IEBO
VEB=-5V, IC=0
-1.0
µA
hFE1
VCE=-1V, IC=-1A
70
240
DC Current Gain
hFE2
VCE=-1V, IC=-3A
30
Collector-Emitter Saturation Voltage
VCE (SAT) IC=-3A, IB=-0.15A
-0.2
-0.4
V
Base-Emitter Saturation Voltage
VBE (SAT)
IC=-3A, IB=-0.15A
-0.9
-1.2
V
Transition frequency
fT
VCE=-4V, IC=-1A
60
MHz
Collector output capacitance
Cob
VCB=-10V, IE=0, f=1MHz
170
pF
Turn-on time
tON
0.1
µs
Storage time
tS
1.0
µs
Switching time
Fall time
tF
0.1
µs
CLASSIFICATION of hFE1
RANK
O
Y
RANGE
70 ~ 140
120 ~ 240



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com