Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SA1012-O-TF3-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # 2SA1012-O-TF3-R
Description  HIGH CURRENT SWITCHING APPLICATION
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

2SA1012-O-TF3-R Datasheet(HTML) 1 Page - Unisonic Technologies

  2SA1012-O-TF3-R Datasheet HTML 1Page - Unisonic Technologies 2SA1012-O-TF3-R Datasheet HTML 2Page - Unisonic Technologies 2SA1012-O-TF3-R Datasheet HTML 3Page - Unisonic Technologies 2SA1012-O-TF3-R Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
UNISONIC TECHNOLOGIES CO., LTD
2SA1012
PNP SILICON TRANSISTOR
www.unisonic.com.tw
1 of 4
Copyright © 2005 Unisonic Technologies Co., Ltd
QW-R203-015,E
HIGH CURRENT SWITCHING
APPLICATION
.
FEATURES
*Low collector saturation voltage
VCE(SAT)=-0.4V(max.) at Ic=-3A
*High speed switching time: tS=1.0µs(Typ.)
*Complementary to 2SC2562
TO-220
1
TO-252
TO- 251
1
1
1
TO-220F
*Pb-free plating product number: 2SA1012L
ORDERING INFORMATION
Order Number
Pin Assignment
Normal
Lead Free Plating
Package
1
2
3
Packing
2SA1012-x-TA3-T
2SA1012L-x-TA3-T
TO-220
B
C
E
Tube
2SA1012-x-TF3-T
2SA1012L-x-TF3-T
TO-220F
B
C
E
Tube
2SA1012-x-TM3-T
2SA1012L-x-TM3-T
TO-251
B
C
E
Tube
2SA1012-x-TN3-R
2SA1012L-x-TN3-R
TO-252
B
C
E
Tape Reel
2SA1012-x-TN3-T
2SA1012L-x-TN3-T
TO-252
B
C
E
Tube
2SA1012L-x-TA3-T
(1)Packing Type
(2)Package Type
(4)Lead Plating
(1) T: Tube, R: Tape Reel
(2) TA3: TO-220, TF3: TO-220F, TM3: TO-251,
TN 3: TO-252
(4) L: Lead Free Plating, Blank: Pb/Sn
(3)Rank
(3) x: reference to Classification of hFE1


Similar Part No. - 2SA1012-O-TF3-R

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
2SA1012-2 ISC-2SA1012-2 Datasheet
233Kb / 2P
isc Silicon PNP Power Transistor
More results

Similar Description - 2SA1012-O-TF3-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
2SB1202 UTC-2SB1202 Datasheet
109Kb / 5P
HIGH CURRENT SWITCHING APPLICATION
2SD1802 UTC-2SD1802 Datasheet
300Kb / 4P
HIGH CURRENT SWITCHING APPLICATION
2SD1803 UTC-2SD1803 Datasheet
127Kb / 5P
HIGH CURRENT SWITCHING APPLICATION
2SA1012 UTC-2SA1012_10 Datasheet
327Kb / 4P
HIGH CURRENT SWITCHING APPLICATION
2SB1202 UTC-2SB1202_10 Datasheet
266Kb / 5P
HIGH CURRENT SWITCHING APPLICATION
2SD1803 UTC-2SD1803_10 Datasheet
181Kb / 5P
HIGH CURRENT SWITCHING APPLICATION
2SD1804 UTC-2SD1804_09 Datasheet
204Kb / 5P
HIGH CURRENT SWITCHING APPLICATION
2SD1624 UTC-2SD1624_11 Datasheet
240Kb / 5P
HIGH CURRENT SWITCHING APPLICATION
2SD1802 UTC-2SD1802_11 Datasheet
179Kb / 3P
HIGH CURRENT SWITCHING APPLICATION
2SB1202 UTC-2SB1202_15 Datasheet
266Kb / 5P
HIGH CURRENT SWITCHING APPLICATION
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com