Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TIP121 Datasheet(PDF) 2 Page - Nanjing International Group Co

Part # TIP121
Description  TO-220-3L Plastic-Encapsulate Transistors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DGNJDZ [Nanjing International Group Co]
Direct Link  http://www.dgnjdz.com/
Logo DGNJDZ - Nanjing International Group Co

TIP121 Datasheet(HTML) 2 Page - Nanjing International Group Co

  TIP121 Datasheet HTML 1Page - Nanjing International Group Co TIP121 Datasheet HTML 2Page - Nanjing International Group Co TIP121 Datasheet HTML 3Page - Nanjing International Group Co TIP121 Datasheet HTML 4Page - Nanjing International Group Co  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
ELECTRICAL CHARACTERISTICS (Ta=25
℃ unless otherwise specified)
Parameter
Symbol
Test
conditions
Min
Max
Unit
Collector-base breakdown voltage
TIP120,TIP125
TIP121,TIP126
TIP122,TIP127
V(BR)CBO
IC= 1mA,IE=0
60
80
100
V
Collector-emitter breakdown voltage
TIP120,TIP125
TIP121,TIP126
TIP122,TIP127
VCEO(SUS)
IC= 30mA,IB=0
60
80
100
V
Collector cut-off current
TIP120,TIP125
TIP121,TIP126
TIP122,TIP127
ICBO
VCB= 60 V, IE=0
VCB= 80 V, IE=0
VCB= 100V, IE=0
0.2
mA
Collector cut-off current
TIP120,TIP125
TIP121,TIP126
TIP122,TIP127
ICEO
VCE=30 V, IB=0
VCE=40 V, IB=0
VCE=50 V, IB=0
0.5
mA
Emitter cut-off current
IEBO
EB
V =5 V, IC=0
2
mA
hFE(1)
CE
V
= 3V, IC=0.5A
1000
DC current gain
hFE(2)
CE
V
= 3V, IC=3 A
1000
Collector-emitter saturation voltage
VCE(sat)
IC=3A,IB=12mA
IC=5 A,IB=20mA
2
4
V
Base-emitter voltage
VBE
CE
V
=3V, IC=3 A
2.5
V
Output Capacitance
TIP125,TIP126,TIP127
TIP120,TIP121,TIP122
Cob
VCB=10V, IE=0,f=0.1MHz
300
200
pF
1
2000
2/4
Dongguan Nanjing Electronics Ltd.
www.dgnjdz.com



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com