Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TIP121 Datasheet(PDF) 3 Page - Nanjing International Group Co

Part # TIP121
Description  TO-220-3L Plastic-Encapsulate Transistors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DGNJDZ [Nanjing International Group Co]
Direct Link  http://www.dgnjdz.com/
Logo DGNJDZ - Nanjing International Group Co

TIP121 Datasheet(HTML) 3 Page - Nanjing International Group Co

  TIP121 Datasheet HTML 1Page - Nanjing International Group Co TIP121 Datasheet HTML 2Page - Nanjing International Group Co TIP121 Datasheet HTML 3Page - Nanjing International Group Co TIP121 Datasheet HTML 4Page - Nanjing International Group Co  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Typical Characteristics
-0.1
-1
-10
0
50
100
150
200
250
-1
-10
-100
-1000
10
-1
-10
-100
-1000
-0.0
-0.2
-0.4
-0.6
-0.8
-1.0
-1.2
-1.4
-1.6
-1.8
-2.0
-1
-10
-100
-1000
-0
-200
-400
-600
-800
-1000
-1200
-0
-1
-2
-3
-4
-5
-6
-7
-8
-0
-1
-2
-3
-4
-5
-6
-0.0
-0.5
-1.0
-1.5
-2.0
-0.1
-1
-10
-100
-1000
f=1MHz
I
E
=0 / I
C
=0
T
a
=25
oC
REVERSE VOLTAGE
V
(V)
V
CB
/ V
EB
C
ob
/ C
ib
——
C
ib
C
ob
-20
10000
1000
-5000
V
CE
= -3V
T
a
=100
oC
T
a
=25
oC
COLLECTOR CURRENT
I
C
(mA)
I
C
h
FE
——
100
-5000
COLLECTOR CURRENT
I
C
(mA)
T
a
=25℃
T
a
=100℃
β=250
I
C
V
BEsat
——
-5000
-5000
T
a
=100℃
T
a
=25℃
β=250
V
CEsat
——
I
C
COLLECTOR CURRENT
I
C
(mA)
COMMON
EMITTER
T
a
=25℃
-1.0mA
-0.9mA
-0.8mA
-0.7mA
-0.6mA
-0.5mA
-0.4mA
-0.3mA
I
B
=-0.2mA
COLLECTOR-EMITTER VOLTAGE
V
CE
(V)
Static Characteristic
VCE=-3V
Ta=25℃
Ta=100
oC
BASE-EMITTER VOLTAGE
V
BE
(V)
I
C
——
V
BE
TIP127
0
25
50
75
100
125
150
0
500
1000
1500
2000
2500
AMBIENT TEMPERATURE
T
a
(
)
℃
P
C
——
T
a
3/4
Dongguan Nanjing Electronics Ltd.
www.dgnjdz.com



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com