Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC3835 Datasheet(PDF) 2 Page - Unisonic Technologies

Part # 2SC3835
Description  SWITCH NPN TRANSISTOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

2SC3835 Datasheet(HTML) 2 Page - Unisonic Technologies

  2SC3835 Datasheet HTML 1Page - Unisonic Technologies 2SC3835 Datasheet HTML 2Page - Unisonic Technologies 2SC3835 Datasheet HTML 3Page - Unisonic Technologies 2SC3835 Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
UTC2SC3835
NPN EPITAXIAL SILICON TRANSISTOR
UTC UNISONIC TECHNOLOGIES CO. LTD
2
QW-R214-002,A
CLASSIFICATION of hFE
RANK
A
B
C
RANGE
70-130
120-170
160-220
Typical Switching Characteristics(Common Emitter)
Vcc
(V)
RL
(Ω)
Ic
(A)
VBB1
(V)
VBB2
(V)
IB1
(A)
IB2
(A)
50
16.7
3
10
-5
0.3
-0.6
VCC
IB2
IB1
R1
R2
0
RL
+VBB1
-VBB2
0
50μs
0
20μs
GND
tON
tstg tf
0
0
0
IB
IC
0.9IC
0.1IC
IC
D.U.T
ELECTRICAL CHARACTERISTICS CURVES
Ic-VCE
4
01
2
3
1
2
3
4
5
6
7
0
Collector-Emitter Voltage VCE (V)
150m
A
60mA
100m
A
40mA
IB=10mA
20mA
200
mA
VCE(sat)-IB
0.005 0.01
0.05 0.1
0.5
1
0
1
2
Base Current, IB (A)
2.6



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com