Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC3835 Datasheet(PDF) 3 Page - Unisonic Technologies

Part # 2SC3835
Description  SWITCH NPN TRANSISTOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

2SC3835 Datasheet(HTML) 3 Page - Unisonic Technologies

  2SC3835 Datasheet HTML 1Page - Unisonic Technologies 2SC3835 Datasheet HTML 2Page - Unisonic Technologies 2SC3835 Datasheet HTML 3Page - Unisonic Technologies 2SC3835 Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
UTC2SC3835
NPN EPITAXIAL SILICON TRANSISTOR
UTC UNISONIC TECHNOLOGIES CO. LTD
3
QW-R214-002,A
00.5
1.0 1.1
0
1
2
3
4
5
6
7
IC-VBE Temperature
Base-Emittor Voltage, VBE (V)
0
10
20
30
-0.01
-0.05-0.1
-0.5 -1
fT–IE
Emitter Current, IE (A)
VCE=12V
-5
0.02
0.1
0.5
1
5
20
50
100
200
HFE-Ic
Collector Current Ic (A)
Typ
7
VCE=4V
1
10
100
1000
0.4
0.5
1
5
θ
j-a–t
Time, t (ms)
2000
20
50
100
300
0.01
0.05 0.1
1
0.5
5
HFE-Ic Temperature
Collector Current Ic (A)
7
VCE=4V
125℃
25℃
-30℃



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com