Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC4027 Datasheet(PDF) 2 Page - Unisonic Technologies

Part # 2SC4027
Description  HIGH-VOLTAGE SWITCHING APPLICATIONS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

2SC4027 Datasheet(HTML) 2 Page - Unisonic Technologies

  2SC4027 Datasheet HTML 1Page - Unisonic Technologies 2SC4027 Datasheet HTML 2Page - Unisonic Technologies 2SC4027 Datasheet HTML 3Page - Unisonic Technologies 2SC4027 Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
UTC2SC4027 NPNEPITAXIALSILICONTRANSISTOR
UTC UNISONIC TECHNOLOGIES CO., LTD.
2
QW-R209-018,A
CLASSIFICATION OF hFE1
RANK
R
S
T
hFE
100~200
140~280
200~400
SWITCHING TIME TEST CIRCUIT
IB1
IB2
VR
50Ω
INPUT
OUTPUT
-5V
100V
+
+
RB
10IB1= -10IB2=Ic=0.7A
PW=20μs
D.C.≦1%
RL
14kΩ
470μF
100μF
02
1.4
IC-VCE
13
4
1.6
1.8
5
Collector to Emitter Voltage, VCE (V)
50mA
40mA
30mA
20mA
10mA
5mA
2mA
1mA
IB=0
1.2
1.0
0.8
0.6
0.4
0.2
0
020
0.8
IC-VCE
10
30
40
1.0
50
Collector to Emitter Voltage, VCE (V)
4.0m
A
3.5mA
3.0mA
2.5mA
0.5mA
0.6
0.4
0.2
0
4.5mA
2.0mA
1.5mA
1.0mA
IB=0
00.4
IC-VBE
0.2
0.6
0.8
1.6
1.2
Collector to Emitter Voltage, VBE (V)
1.2
0.8
0.4
0
VCE=5V
7
5
5
hFE-Ic
22 3
7
1000
3
Collector Current, Ic (A)
3
2
100
7
5
3
10
VCE=5V
-25℃
25℃
2
0.01
37 0.1
5 7 1.0
2
1.0
Ta=75℃



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com