Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC4027 Datasheet(PDF) 3 Page - Unisonic Technologies

Part # 2SC4027
Description  HIGH-VOLTAGE SWITCHING APPLICATIONS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

2SC4027 Datasheet(HTML) 3 Page - Unisonic Technologies

  2SC4027 Datasheet HTML 1Page - Unisonic Technologies 2SC4027 Datasheet HTML 2Page - Unisonic Technologies 2SC4027 Datasheet HTML 3Page - Unisonic Technologies 2SC4027 Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
UTC2SC4027 NPNEPITAXIALSILICONTRANSISTOR
UTC UNISONIC TECHNOLOGIES CO., LTD.
3
QW-R209-018,A
5
5
3
A S O
22 3
5
Collector to Emitter Voltage, VCE (V)
2
0.1
5
3
3
37
57
10
5
3
7100
2
ICP=2.5A
IC=1.5A
One pulse
Tc=25℃
DC
ope
ratio
n (T
a=2
5℃
)
1m
s
040
Pc-Ta
20
80
100
16
160
Ambient Temperature, Ta (℃)
15
12
4
0
No heat sink
14
10
8
6
2
1
60
120 140
1.0
2
2
0.01
1.0
7
5
2
VCE(sat)-Ic
22 3
3
1000
Collector Current, Ic (A)
7
5
100
7
5
3
37
57
0.1
Ta=75℃
-25℃
25℃
Ic/IB=10
3
2
2
0.01
1.0
2 3
7
5
7
VBE(sat)-Ic
22 3
10
Collector Current, Ic (A)
5
1.0
7
5
3
37
5 7
0.1
75℃
Ta=-25℃
25℃
Ic/IB=10
3
2
0.01
1.0
2
3
5
f T-Ic
22
3
5
Collector Current, Ic (A)
3
2
100
7
5
3
10
VCE=10V
2
0.01
37 0.1
57 1.0
2
1.0
5
5
Cob-VCB
22
3
7
100
100
Collector to Base Voltage, VCB (V)
3
2
10
7
5
3
f=1MHz
37
57
10



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com