Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L3380 Datasheet(PDF) 1 Page - Unisonic Technologies

Part # L3380
Description  PWM STEP UP DC-DC CONTROLLER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

L3380 Datasheet(HTML) 1 Page - Unisonic Technologies

  L3380 Datasheet HTML 1Page - Unisonic Technologies L3380 Datasheet HTML 2Page - Unisonic Technologies L3380 Datasheet HTML 3Page - Unisonic Technologies L3380 Datasheet HTML 4Page - Unisonic Technologies L3380 Datasheet HTML 5Page - Unisonic Technologies L3380 Datasheet HTML 6Page - Unisonic Technologies L3380 Datasheet HTML 7Page - Unisonic Technologies L3380 Datasheet HTML 8Page - Unisonic Technologies L3380 Datasheet HTML 9Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
UNISONIC TECHNOLOGIES CO., LTD
L3380
CMOS IC
www.unisonic.com.tw
1 of 9
Copyright © 2006 Unisonic Technologies Co., Ltd
QW-R502-099,A
PWM STEP UP DC-DC
CONTROLLER
DESCRIPTION
The L3380 is PWM step up DC-DC switching controller that
operates from 0.9V. The low start up input voltage makes L3380
specially designed for powering portable equipment from one or two
cells battery packs. This device consist of a soft start circuit, a
reference voltage source, an error amplifier, an oscillator, a phase
compensation, a PWM controller and an output drive circuit for
driving external power transistor.
Additionally, a chip enable feature is provided to power down the
converter for extended battery life. The device features a voltage
mode PWM control loop, providing stable and high efficiency
operation over a broad load current range.
FEATURES
* 0.9V low start-up Input voltage at 1mA load
* Low operation current
* 0.5uA low shutdown current
* Fix frequency PWM at 100KHZ
* Built in PWM switching control circuit ,duty ratio is 0~83%
* Output voltage:0.1V step setting is available between 2.0V and
6.5V
* Soft start time: 6ms
* Shutdown function
APPLICATIONS
*Portable devices
*Electronic games
*Portable audio (MP3)
*Personal digital assistant (PDA)
*Digital still cameras(DSC)
*Camcorders
*White LED driver
*Single and dual-cell battery operated products
SOT-25
4
5
3
2
1
*Pb-free plating product number: L3380L
ORDERING INFORMATION
Order Number
Normal
Lead Free Plating
Package
Packing
L3380-xx-AF5-R
L3380L-xx-AF5-R
SOT-25
Tape Reel
L3380L-xx-AF5-R
(1)Packing Type
(2)Package Type
(3)Output Voltage Code
(4)Lead Plating
(1) R: Tape Reel
(2) AF5: SOT-25
(3) xx: refer to Marking Information
(4) L: Lead Free Plating, Blank: Pb/Sn


Similar Part No. - L3380

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
L3383 UTC-L3383 Datasheet
250Kb / 14P
PFM CONTROLLED, STEP-UP DC/DC CONVERTERS (VARIABLE DUTY RATIO)
L3383-XX-AB3-R UTC-L3383-XX-AB3-R Datasheet
250Kb / 14P
PFM CONTROLLED, STEP-UP DC/DC CONVERTERS (VARIABLE DUTY RATIO)
L3383-XX-AF5-R UTC-L3383-XX-AF5-R Datasheet
250Kb / 14P
PFM CONTROLLED, STEP-UP DC/DC CONVERTERS (VARIABLE DUTY RATIO)
L3383L-XX-AB3-R UTC-L3383L-XX-AB3-R Datasheet
250Kb / 14P
PFM CONTROLLED, STEP-UP DC/DC CONVERTERS (VARIABLE DUTY RATIO)
L3383L-XX-AF5-R UTC-L3383L-XX-AF5-R Datasheet
250Kb / 14P
PFM CONTROLLED, STEP-UP DC/DC CONVERTERS (VARIABLE DUTY RATIO)
More results

Similar Description - L3380

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
TC110 MICROCHIP-TC110 Datasheet
464Kb / 16P
PFM/PWM Step-Up DC/DC Controller
2002
logo
ON Semiconductor
NCP1450A ONSEMI-NCP1450A Datasheet
202Kb / 24P
PWM Step-up DC-DC Controller
April, 2003 - Rev. 5
logo
Anachip Corp
AP1624 ANACHIP-AP1624 Datasheet
172Kb / 7P
PWM/PFM Dual Mode Step-up DC/DC Controller
Rev.1.1 Dec.23, 2004
logo
Microchip Technology
TC110 MICROCHIP-TC110 Datasheet
465Kb / 16P
PFM/PWM Step-Up DC/DC Controller
2002
logo
Diodes Incorporated
AP1624 DIODES-AP1624 Datasheet
450Kb / 7P
PWM/PFM DUAL MODE STEP-UP DC/DC CONTROLLER
AP1624 Rev. 1
logo
Unisonic Technologies
UC3380 UTC-UC3380 Datasheet
266Kb / 9P
PWM STEP UP DC-DC CONTROLLER
UC3550 UTC-UC3550_10 Datasheet
368Kb / 10P
PWM CONTROLLED,PWM/PFM SWITCHABLE STEP-UP DC-DC CONTROLLER
UC3380 UTC-UC3380_12 Datasheet
278Kb / 9P
PWM STEP UP DC-DC CONTROLLER
UC3380 UTC-UC3380_15 Datasheet
278Kb / 9P
PWM STEP UP DC-DC CONTROLLER
UC3550 UTC-UC3550_15 Datasheet
386Kb / 11P
PWM CONTROLLED, PWM/PFM SWITCHABLE STEP-UP DC-DC CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com