Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L3305L-S14-R Datasheet(PDF) 4 Page - Unisonic Technologies

Part # L3305L-S14-R
Description  LOW VOLTAGE CLASS B AMPLIFIER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

L3305L-S14-R Datasheet(HTML) 4 Page - Unisonic Technologies

  L3305L-S14-R Datasheet HTML 1Page - Unisonic Technologies L3305L-S14-R Datasheet HTML 2Page - Unisonic Technologies L3305L-S14-R Datasheet HTML 3Page - Unisonic Technologies L3305L-S14-R Datasheet HTML 4Page - Unisonic Technologies L3305L-S14-R Datasheet HTML 5Page - Unisonic Technologies L3305L-S14-R Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
L3305
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
4 of 6
www.unisonic.com.tw
QW-R107-052,A
ABSOLUTE MAXIMUM RATINGS
PARAMETER
SYMBOL
RATINGS
UNIT
Supply Voltage
Vcc1
3
V
Power Dissipation
PD
200
mW
Operating Temperature Range
TOPR
-10 ~ +60
℃
Storage Temperature Range
TSTG
-20 ~ +70
℃
Note Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
ELECTRICAL CHARACTERISTICS
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Input Referred Noise
eN
0.9
2.5
µV
Total Current
ITOT
0.7
1.2
mA
Voltage Gain
GV
Output = 0.707 VRMS
72
75
78
dB
Total Harmonic Distortion & Noise
THD
Output = 0.707 VRMS
1.5
3.0
%
Gain Dependence on RB
0.02
dB/Ω
Input Impedance of Output Amplifier
ZIN
18
27
36
kΩ
Stable with Battery Resistance
22
Ω
Low
250
Hz
Frequency Response (-3 dB at 1 kHz)
High
12
kHz
Note: 1. All parameters tested in Test Circuit Fig. 1.
2. Conditions: Supply voltage VB= 1.3 VDC, Temperature ambient = 25℃, Frequency = 1kHz, Noise Filter
Bandwidth at 12 dB/oct (0.2 to 10kHz)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com