Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L3305L-S14-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # L3305L-S14-R
Description  LOW VOLTAGE CLASS B AMPLIFIER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

L3305L-S14-R Datasheet(HTML) 1 Page - Unisonic Technologies

  L3305L-S14-R Datasheet HTML 1Page - Unisonic Technologies L3305L-S14-R Datasheet HTML 2Page - Unisonic Technologies L3305L-S14-R Datasheet HTML 3Page - Unisonic Technologies L3305L-S14-R Datasheet HTML 4Page - Unisonic Technologies L3305L-S14-R Datasheet HTML 5Page - Unisonic Technologies L3305L-S14-R Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
UNISONIC TECHNOLOGIES CO., LTD
L3305
LINEAR INTEGRATED CIRCUIT
www.unisonic.com.tw
1 of 6
Copyright © 2005 Unisonic Technologies Co., Ltd
QW-R107-052,A
LOW VOLTAGE CLASS B
AMPLIFIER
DESCRIPTION
The UTC L3305 can be operated as a class B amplifier. It can
also operated as a medium power "vari-bias" class A amplifier.
It include a preamplifier with adjustable gain and a power
amplifier.
FEATURES
* Low Operating Voltage range (1V~3V)
* Low Operating current consumption
* Feedback stabilized gain less than 80 dB
* Output power exceeds 140 dBSPL
SOP-14
TSSOP-14
*Pb-free plating product number: L3305L
ORDERING INFORMATION
Ordering Number
Normal
Lead Free Plating
Package
Packing
L3305-S14-R
L3305L-S14-R
SOP-14
Tape Reel
L3305-S14-T
L3305L-S14-T
SOP-14
Tube
L3305-P14-R
L3305L-P14-R
TSSOP-14
Tape Reel
L3305-P14-T
L3305L-P14-T
TSSOP-14
Tube
L3305L-S14-T
(1)Packing Type
(2)Package Type
(3)Lead Plating
(1) R: Tape Reel, T: Tube
(2) S14: SOP-14, P14: TSSOP-14
(3) L: Lead Free Plating, Blank: Pb/Sn


Similar Part No. - L3305L-S14-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
L3305G-P14-R UTC-L3305G-P14-R Datasheet
202Kb / 5P
LOW VOLTAGE CLASS B AMPLIFIER
L3305G-S14-R UTC-L3305G-S14-R Datasheet
202Kb / 5P
LOW VOLTAGE CLASS B AMPLIFIER
L3305 UTC-L3305_15 Datasheet
202Kb / 5P
LOW VOLTAGE CLASS B AMPLIFIER
More results

Similar Description - L3305L-S14-R

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SC2230 TOSHIBA-2SC2230 Datasheet
180Kb / 3P
TRANSISTOR (HIGH VOLTAGE GENERAL AMPLIFIER, COLOR TV CLASS B SOUND OUTPUT APPLICATIONS)
2SC3963 TOSHIBA-2SC3963 Datasheet
174Kb / 3P
NPN TRIPLE DIFFUSED TYPE (HIGH VOLTAGE GENERAL AMPLIFIER, COLOR TV CLASS B SOUND OUTPUT APPLICATIONS
logo
List of Unclassifed Man...
LC552 ETC-LC552 Datasheet
131Kb / 3P
High Power Class B Amplifier
logo
Cirrus Logic
CS44L11 CIRRUS-CS44L11 Datasheet
476Kb / 34P
Low Voltage Class-D PWM Headphone Amplifier
logo
Microsemi Corporation
LX1792 MICROSEMI-LX1792 Datasheet
202Kb / 9P
Low Voltage, Low Power, AudioMite Class-D Audio Amplifier
logo
List of Unclassifed Man...
204-A ETC2-204-A Datasheet
423Kb / 2P
R.F. POWER AMPLIFIER, OSCILLATOR, CLASS B MODULATOR
logo
NXP Semiconductors
AN10436 PHILIPS-AN10436 Datasheet
930Kb / 55P
TDA8932B/33(B) Class-D audio amplifier
Rev. 01-12 December 2007
logo
Unisonic Technologies
L3305 UTC-L3305_15 Datasheet
202Kb / 5P
LOW VOLTAGE CLASS B AMPLIFIER
logo
Ningbo Tianbo Ganglian ...
HJQ-15F-1 TIANBO-HJQ-15F-1 Datasheet
1Mb / 3P
Class B/F available
logo
Toshiba Semiconductor
2SC2483 TOSHIBA-2SC2483 Datasheet
112Kb / 3P
HIGH VOLTAGE GENERAL AMPLIFIER APPLICATIONS. COLOR TV CLASS B SOUND OUTPUT APPLICATIONS.
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com