Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM2937-50-TA3-R Datasheet(PDF) 6 Page - Unisonic Technologies

Part # LM2937-50-TA3-R
Description  500mA LOW DROPOUT VOLTAGE REGULATOR
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

LM2937-50-TA3-R Datasheet(HTML) 6 Page - Unisonic Technologies

Back Button LM2937-50-TA3-R Datasheet HTML 2Page - Unisonic Technologies LM2937-50-TA3-R Datasheet HTML 3Page - Unisonic Technologies LM2937-50-TA3-R Datasheet HTML 4Page - Unisonic Technologies LM2937-50-TA3-R Datasheet HTML 5Page - Unisonic Technologies LM2937-50-TA3-R Datasheet HTML 6Page - Unisonic Technologies LM2937-50-TA3-R Datasheet HTML 7Page - Unisonic Technologies LM2937-50-TA3-R Datasheet HTML 8Page - Unisonic Technologies LM2937-50-TA3-R Datasheet HTML 9Page - Unisonic Technologies LM2937-50-TA3-R Datasheet HTML 10Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
LM2937
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
6 of 10
www.unisonic.com.tw
QW-R102-012.F
TYPICAL APPLICATION
UNREGULATED
VIN
CIN*
10 F
VOUT
UTC LM2937-XX
REGULATED
INPUT
OUTPUT
COUT**
10 F
IQ
μ
μ
1
2
3
ON/OFF CONTROL APPLICATION
UNREGULATED
VIN
CIN*
10 F
VOUT
UTC LM2937-XX
REGULATED
INPUT
OUTPUT
COUT**
10 F
IQ
μ
μ
N/C
ON/OFF
4
132
5
* Required if the regulator is located more than 3 inches from the power supply filter capacitors.
**Required for stability. COUT must be at least 10µF (over the full expected operating temperature range) and located
as close as possible to the regulator. The equivalent series resistance, ESR, of this capacitor may be as high as 3Ω.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com