Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM2937-50-TA3-R Datasheet (PDF) - Unisonic Technologies

LM2937-50-TA3-R Datasheet PDF - Unisonic Technologies
Part # LM2937-50-TA3-R
Download  LM2937-50-TA3-R Download
File Size   144.18 Kbytes
Page   10 Pages
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies
Description 500mA LOW DROPOUT VOLTAGE REGULATOR

LM2937-50-TA3-R Datasheet (PDF)

Go To PDF Page Download Datasheet
LM2937-50-TA3-R Datasheet PDF - Unisonic Technologies

Part # LM2937-50-TA3-R
Download  LM2937-50-TA3-R Click to download

File Size   144.18 Kbytes
Page   10 Pages
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies
Description 500mA LOW DROPOUT VOLTAGE REGULATOR

LM2937-50-TA3-R Datasheet (HTML) - Unisonic Technologies


LM2937-50-TA3-R Product details

DESCRIPTION
The UTC LM2937 is a positive voltage regulator capable of supplying up to 500mA of load current. The use of a PNP power transistor provides a low dropout voltage characteristic. With a load current of 500mA the minimum input to output voltage differential required for the output to remain in regulation is typically 0.5V(1V guaranteed maximum over the full operating temperature range). Special circuitry has been incorporated to minimize the quiescent current to typically only 10mA with a full 500mA load current when the input to output voltage differential is greater than 3V.

FEATURES
* Fully specified for operation over -40°C~ +125°C
* Output current in excess of 500mA
* Output trimmed for 5% tolerance under all operating conditions
* Typical dropout voltage of 0.5V at full rated load current
* Wide output capacitor ESR range, up to 3Ω
* Reverse battery protection
* Internal short circuit and thermal overload protection
* 60V input transient protection
* Mirror image insertion protection
* Built-in ON/OFF control function




Similar Part No. - LM2937-50-TA3-R

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2937-2.5 NSC-LM2937-2.5 Datasheet
309Kb / 10P
400mA and 500mA Voltage Regulators
logo
Texas Instruments
LM2937-2.5 TI-LM2937-2.5_15 Datasheet
1Mb / 27P
LM2937 2.5-V and 3.3-V 400-mA and 500-mA Voltage Regulators
logo
National Semiconductor ...
LM2937-25 NSC-LM2937-25 Datasheet
293Kb / 10P
400mA and 500mA Voltage Regulators
LM2937-3.3 NSC-LM2937-3.3 Datasheet
309Kb / 10P
400mA and 500mA Voltage Regulators
More results


Similar Description - LM2937-50-TA3-R

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SPX1129 SIPEX-SPX1129 Datasheet
165Kb / 5P
500mA Low Dropout Voltage Regulator
logo
Advanced Monolithic Sys...
AMS3107 ADMOS-AMS3107 Datasheet
82Kb / 9P
500mA LOW DROPOUT VOLTAGE REGULATOR
AMS2907 ADMOS-AMS2907 Datasheet
80Kb / 8P
500mA LOW DROPOUT VOLTAGE REGULATOR
AMS2907 ADMOS-AMS2907_05 Datasheet
68Kb / 8P
500mA LOW DROPOUT VOLTAGE REGULATOR
AMS2905 ADMOS-AMS2905_05 Datasheet
67Kb / 8P
500mA LOW DROPOUT VOLTAGE REGULATOR
AMS3107 ADMOS-AMS3107_1 Datasheet
77Kb / 9P
500mA LOW DROPOUT VOLTAGE REGULATOR
logo
Taiwan Memory Technolog...
T6328A TMT-T6328A Datasheet
473Kb / 10P
500mA Low Dropout Voltage Regulator
logo
New Japan Radio
NJU7223 NJRC-NJU7223 Datasheet
127Kb / 5P
500mA Low Dropout Voltage Regulator
logo
Unisonic Technologies
LM2937 UTC-LM2937_17 Datasheet
249Kb / 10P
500mA LOW DROPOUT VOLTAGE REGULATOR
LM2937 UTC-LM2937_V01 Datasheet
291Kb / 10P
500mA LOW DROPOUT VOLTAGE REGULATOR
More results




About Unisonic Technologies


Unisonic Technologies is a Taiwanese semiconductor company that specializes in the design, manufacture, and sales of power management and analog integrated circuits (ICs). The company was founded in 1980 and has a global presence, with offices and facilities in Asia, Europe, and the Americas.

Unisonic Technologies provides a wide range of products and solutions, including power management ICs, linear voltage regulators, and motor control ICs. The company's products are used in a variety of applications, including consumer electronics, automotive, industrial, and telecommunications. Unisonic Technologies is known for its expertise in power management technology and its ability to provide high-performance and cost-effective solutions to its customers.

In recent years, Unisonic Technologies has expanded its product portfolio and offerings to include solutions for the Internet of Things (IoT) and smart energy markets. The company is committed to innovation and research and development and is actively involved in the development of new technologies and solutions for the semiconductor industry. Unisonic Technologies is a recognized leader in the power management and analog ICs market and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com