Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMV393-S08-R Datasheet(PDF) 3 Page - Unisonic Technologies

Part # LMV393-S08-R
Description  DUAL GENERAL PURPOSE, LOW VOLAGE, COMPARATORS
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

LMV393-S08-R Datasheet(HTML) 3 Page - Unisonic Technologies

  LMV393-S08-R Datasheet HTML 1Page - Unisonic Technologies LMV393-S08-R Datasheet HTML 2Page - Unisonic Technologies LMV393-S08-R Datasheet HTML 3Page - Unisonic Technologies LMV393-S08-R Datasheet HTML 4Page - Unisonic Technologies LMV393-S08-R Datasheet HTML 5Page - Unisonic Technologies LMV393-S08-R Datasheet HTML 6Page - Unisonic Technologies LMV393-S08-R Datasheet HTML 7Page - Unisonic Technologies LMV393-S08-R Datasheet HTML 8Page - Unisonic Technologies LMV393-S08-R Datasheet HTML 9Page - Unisonic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
LMV393
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
3 of 11
www.unisonic.com.tw
QW-R104-004,A
ABSOLUTE MAXIMUM RATINGS
PARAMETER
SYMBOL
RATINGS
UNIT
Supply Voltage
VCC
2.7 ~ 5.0
V
Differential Input Voltage
VIN(DIFF)
±VCC
V
Voltage on any pin (referred to V- pin)
5.5
V
Junction Temperature
TJ
+150
°C
Operating Temperature
TOPR
-40 ~ +85
°C
Storage Temperature
TSTG
-65 ~ +150
°C
Note Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
THERMAL CHARACTERISTICS
PARAMETER
SYMBOL
RATINGS
UNIT
MSOP-8
190
DIP-8
100
Thermal Resistance Junction to Ambient
SOP-8
θJA
150
℃
/W
DC ELECTRICAL CHARACTERISTICS (TJ=25℃, V-=0V, unless otherwise specified.)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX UNIT
Input Offset Voltage
VIN(OFF)
1.7
7
mV
Input Offset Voltage Average Drift
II(OFF)
5
μV/℃
Input Bias Current
II(BIAS)
100
250
nA
Input Offset Current
II(OFF)
2
50
nA
Input Voltage Range
VIN
-0.1
4.2
V
Supply Current
ICC
100
200
μA
Voltage Gain
GV
20
50
V/mV
Saturation Voltage
VSAT
ISINK ≤4mA
200
400
mV
2.7V
5
40
Output Sink Current
5.0V
ISINK
VOUT ≤1.5V
10
50
mA
Output Leakage Current
ILEAK
0.003
1
μA
AC ELECTRICAL CHARACTERISTICS (TJ=25 ,
℃
RL=5.1kΩ, V-=0V, unless otherwise specified.)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX UNIT
2.7V
9
5.0V
Input Overdrive=10mV
8
2.7V
3.8
Propagation Delay
(High to Low)
5.0V
tPHL
Input Overdrive=100mV
3.4
us
2.7V
2
5.0V
Input Overdrive=10mV
3
2.7V
0.7
Propagation Delay
(Low to High)
5.0V
tPLH
Input Overdrive=100mV
0.8
us



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com