Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMV393-S08-R Datasheet(PDF) 4 Page - Unisonic Technologies

Part # LMV393-S08-R
Description  DUAL GENERAL PURPOSE, LOW VOLAGE, COMPARATORS
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

LMV393-S08-R Datasheet(HTML) 4 Page - Unisonic Technologies

  LMV393-S08-R Datasheet HTML 1Page - Unisonic Technologies LMV393-S08-R Datasheet HTML 2Page - Unisonic Technologies LMV393-S08-R Datasheet HTML 3Page - Unisonic Technologies LMV393-S08-R Datasheet HTML 4Page - Unisonic Technologies LMV393-S08-R Datasheet HTML 5Page - Unisonic Technologies LMV393-S08-R Datasheet HTML 6Page - Unisonic Technologies LMV393-S08-R Datasheet HTML 7Page - Unisonic Technologies LMV393-S08-R Datasheet HTML 8Page - Unisonic Technologies LMV393-S08-R Datasheet HTML 9Page - Unisonic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
LMV393
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
4 of 11
www.unisonic.com.tw
QW-R104-004,A
APPLICATION CIRCUITS
Basic Comparator
A basic comparator circuit can convert analog signals to a digital output. The UTC LMV393 needs a pull-up
resistor connected to the positive supply voltage which can make output switch properly. So that when the internal
output transistor is off, the output voltage will be pulled up to the external positive voltage.
The resister should be chosen properly. The higher resister can reduce the power dissipation. the lower resister
can improve the capacity of loading output. The range of resister should between 1k to 10kΩ.
The Output voltage of the comparator will be high if the input voltage at the non-inverting pin is greater than the
reference voltage at the inverting pin. On the other hand it will be low.
Comparator with Hysteresis
The comparator may oscillate or produce a noisy output if the applied differential input voltage is near the
comparator’s offset voltage, especially when the input signal is moving slowly across the comparator’s switching
threshold. Addition of hysteresis or positive feedback can solve this problem.
Inverting Comparator with Hysteresis
It requires a three resistor network that is referenced to the supply voltage VCC of the comparator. When the output
voltage is high, these resistors can be represented as R1 // R3 in series with R2. The lower set input voltage is
defined as:



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com