Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMV393L-SM1-R Datasheet(PDF) 7 Page - Unisonic Technologies

Part # LMV393L-SM1-R
Description  DUAL GENERAL PURPOSE, LOW VOLAGE, COMPARATORS
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

LMV393L-SM1-R Datasheet(HTML) 7 Page - Unisonic Technologies

Back Button LMV393L-SM1-R Datasheet HTML 3Page - Unisonic Technologies LMV393L-SM1-R Datasheet HTML 4Page - Unisonic Technologies LMV393L-SM1-R Datasheet HTML 5Page - Unisonic Technologies LMV393L-SM1-R Datasheet HTML 6Page - Unisonic Technologies LMV393L-SM1-R Datasheet HTML 7Page - Unisonic Technologies LMV393L-SM1-R Datasheet HTML 8Page - Unisonic Technologies LMV393L-SM1-R Datasheet HTML 9Page - Unisonic Technologies LMV393L-SM1-R Datasheet HTML 10Page - Unisonic Technologies LMV393L-SM1-R Datasheet HTML 11Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
LMV393
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
7 of 11
www.unisonic.com.tw
QW-R104-004,A
APPLICATION CIRCUITS(Cont.)
Free Running Multivibrator
This oscillator circuit can generate a train of stable clock for precise timekeeping applications. We can obtain it by
using a resonator as the feedback component. A quartz crystal in its series-resonant mode can make the circuit
oscillating well. For the comparator be switching symmetrically about +VCC/2, the value of R1 and R2 must choose
equal. The RC time constant of R3 and C1 is set to be several times greater than the period of the oscillating
frequency. When choose crystal, be sure to order series resonant with desired temperature coefficient.
Pulse generator with variable duty cycle:
A pulse generator with variable duty cycle can be obtained by creating two separated paths for C1 charge and
discharge into the basic square wave generator. One path, through R2 and D2 will charge the capacitor and set the
pulse width (t1). The other path, R1 and D1 will discharge the capacitor and set the time between pulses (t2).
Varying resistor R1, R2 can alter the time between pulses and the pulse width. Both controls also change the
frequency of the generator.
The pulse width and time between pulses can be found from:
14 1
1max (1
)
tR C
VV
e
=−
Rise time
25 1
1max
tR C
VV
e
=
Fall time
Where
max
2
3
CC
V
V
=
And
max
1
33
CC
VV
V
==
then
14 1
1
2
tR C
e
=
t2 is then given by:
25 1
1
2
tR C
e
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com