Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMV393L-SM1-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # LMV393L-SM1-R
Description  DUAL GENERAL PURPOSE, LOW VOLAGE, COMPARATORS
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

LMV393L-SM1-R Datasheet(HTML) 1 Page - Unisonic Technologies

  LMV393L-SM1-R Datasheet HTML 1Page - Unisonic Technologies LMV393L-SM1-R Datasheet HTML 2Page - Unisonic Technologies LMV393L-SM1-R Datasheet HTML 3Page - Unisonic Technologies LMV393L-SM1-R Datasheet HTML 4Page - Unisonic Technologies LMV393L-SM1-R Datasheet HTML 5Page - Unisonic Technologies LMV393L-SM1-R Datasheet HTML 6Page - Unisonic Technologies LMV393L-SM1-R Datasheet HTML 7Page - Unisonic Technologies LMV393L-SM1-R Datasheet HTML 8Page - Unisonic Technologies LMV393L-SM1-R Datasheet HTML 9Page - Unisonic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
UNISONIC TECHNOLOGIES CO., LTD
LMV393
LINEAR INTEGRATED CIRCUIT
www.unisonic.com.tw
1 of 11
Copyright © 2005 Unisonic Technologies Co., Ltd
QW-R104-004,A
DUAL GENERAL PURPOSE,
LOW VOLAGE, COMPARATORS
DESCRIPTION
The UTC LMV393 is a low voltage (2.7-5V) version of the dual
comparators. Its noise performance has been improved by using
bipolar differential input and output stages. These comparators also
have a unique characteristic in that the input common-mode voltage
range includes ground even though operated from a single power
supply voltage.
The UTC LMV393 is designed for applications in consumer
automotive, mobile communications, notebooks and PDA’s, battery
powered electronics, General Purpose Portable Device, General
Purpose Low Voltage Applications.
FEATURES
* High precision comparator.
* Low operating voltage 2.7-5V.
* Low Supply Current 100μA/Channel (Typical).
* Low Input Bias Current 100nA (Typical).
* Low Input Offset Current 2nA (Typical).
* Input Common Mode Voltage Range Includes Ground.
* Low Output Saturation Voltage 0.2V.
*Pb-free plating product number: LMV393L
ORDERING INFORMATION
Ordering Number
Normal
Lead Free Plating
Package
Packing
LMV393-D08-T
LMV393L-D08-T
DIP-8
Tube
LMV393-S08-R
LMV393L-S08-R
SOP-8
Tape Reel
LMV393-S08-T
LMV393L-S08-T
SOP-8
Tube
LMV393-SM1-R
LMV393L-SM1-R
MSOP-8
Tape Reel
LMV393-SM1-T
LMV393L-SM1-T
MSOP-8
Tube


Similar Part No. - LMV393L-SM1-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
LMV393L-D08-T UTC-LMV393L-D08-T Datasheet
257Kb / 11P
DUAL GENERAL PURPOSE, LOW VOLAGE, COMPARATORS
More results

Similar Description - LMV393L-SM1-R

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LMV331 ONSEMI-LMV331 Datasheet
916Kb / 21P
Single, Dual, Quad General Purpose, Low Voltage Comparators
October, 2009 ??Rev. 3
logo
Texas Instruments
LMV331 TI-LMV331_11 Datasheet
1Mb / 29P
GENERAL-PURPOSE LOW-VOLTAGE COMPARATORS
LMV331-Q1 TI-LMV331-Q1 Datasheet
297Kb / 12P
GENERAL-PURPOSE LOW-VOLTAGE COMPARATORS
logo
STMicroelectronics
LMV331 STMICROELECTRONICS-LMV331_11 Datasheet
610Kb / 17P
General-purpose low voltage comparators
12-Dec-2011
logo
Texas Instruments
LMV339IPWRG4 TI-LMV339IPWRG4 Datasheet
1Mb / 30P
GENERAL-PURPOSE LOW-VOLTAGE COMPARATORS
LMV393QDR TI-LMV393QDR Datasheet
764Kb / 14P
GENERAL-PURPOSE LOW-VOLTAGE COMPARATORS
LMV331-Q1 TI1-LMV331-Q1_14 Datasheet
779Kb / 15P
GENERAL-PURPOSE LOW-VOLTAGE COMPARATORS
logo
ON Semiconductor
LMV331 ONSEMI-LMV331_14 Datasheet
842Kb / 19P
Single, Dual, Quad General Purpose, Low Voltage Comparators
November, 2014 ??Rev. 7
LMV331 ONSEMI-LMV331_17 Datasheet
845Kb / 20P
Single, Dual, Quad General Purpose, Low Voltage Comparators
June, 2017 ??Rev. 8
logo
Unisonic Technologies
LMV393 UTC-LMV393_14 Datasheet
257Kb / 11P
DUAL GENERAL PURPOSE, LOW VOLAGE, COMPARATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com