Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

6DFB Datasheet(PDF) 1 Page - TOKO, Inc

Part # 6DFB
Description  Dielectric Filters
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKO [TOKO, Inc]
Direct Link  http://www.toko.com
Logo TOKO - TOKO, Inc

6DFB Datasheet(HTML) 1 Page - TOKO, Inc

  6DFB Datasheet HTML 1Page - TOKO, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Dielectric Filters
小型誘電体フィルタ
TYPE
#6DFA
#6DFB
6.5
*11.5 Max. 2.5
0.2
2-φ0.8
OUT
IN
GND×4
3
*: Depends on Center Frequency.
*: 高さは周波数に依存します。
(Unit: mm)
6.5
2.5
3
*12 Max.
OUT
IN
GND×4
0.2
2-φ0.8
TYPE #6DFA (2 Pole Type) / #6DFB (3 Pole Type)
Frequency Range:
700~1900MHz
Temperature Range: − 40°C~+ 85°C
SELECTION GUIDE FOR STANDARD DEVICES
• The Part Number shown in the table below are standard devices, which are
readily available. TOKO will design and manufacture modified and custom
devices with specific characteristics to meet your requiements.
If you do not find the devices for your application in this catalog, please
contact our sales or representative office.
• RoHS compliant
• 下記の表に示す製品番号は標準品です。TOKOは、お客様のご要望に合わせ設計、製作
致しますので、お客様の用途に適合する仕様が見当たらない場合は、当社営業所または
代理店にご連絡下さい。
• RoHS指令対応
*: Depends on Center Frequency.
*: 高さは周波数に依存します。
(Unit: mm)
#6DFA
#6DFB
#6DFB-881E-10
Center Frequency: 881.5MHz
Span: 200MHz
0
5
10
15
20
25
30
35
40
45
50
0
5
10
15
20
25
30
35
40
45
50
Attenuation
Return loss
Typical Characteristics 代表特性例
#6DFA-881E-10
Center Frequency: 881.5MHz
  Span: 200MHz
0
5
10
15
20
25
30
35
40
45
50
0
5
10
15
20
25
30
35
40
45
50
Attenuation
Return loss
#6DFA-849B-11
849.0
± 6.0
1.8
0.8
2.0
18 (fo ± 50)
Wireless Microphon
#6DFA-1227B-12
1227.0
± 5.0
1.8
0.8
2.0
12 (fo ± 50)
GPS Receiver
#6DFA-1575B-12
1575.4
± 5.0
1.8
0.8
2.0
12 (fo ± 50)
GPS Receiver
#6DFA-860D-10
860.0
± 10.0
1.8
0.8
2.0
10 (fo ± 35)
LMR
#6DFA-915E-10
915.0
± 13.0
1.8
0.8
2.0
20 (fo ± 77.5)
Spread Spectrum
#6DFA-886A-10
886.0
± 1.0
2.2
0.5
1.8
24 (fo ± 45)
Cordless Phone
#6DFA-914A-10
914.5
± 0.5
2.2
0.5
1.8
24 (fo ± 45)
Cordless Phone
#6DFA-959A-10
959.5
± 0.5
2.2
0.5
1.8
24 (fo ± 45)
Cordless Phone
#6DFA-808B-11
808.0
± 4.0
2.5
1.0
2.0
15, 33 (fo ± 25, ± 111)
Wireless Microphon
TYPE #6DFA: 2 Pole Designs
東光品番
中心周波数
帯域幅
挿入損失
帯域内リップル
V.S.W.R.
選択度
応用例
#6DFA-836E-10
836.5
± 12.5
1.8
0.8
2.0
20 (fo ± 77.5)
Cellular-AMPS
#6DFA-881E-10
881.5
± 12.5
1.8
0.8
2.0
20 (fo ± 77.5)
Cellular-AMPS
#6DFA-933G-10
933.5
± 16.5
2.5
1.2
2.2
20 (fo ± 77.5)
Cellular-TACS
#6DFA-902E-10
902.5
± 12.5
1.8
0.8
2.0
20 (fo ± 77.5)
Cellular-NMT/GSM
#6DFA-947E-10
947.5
± 12.5
1.8
0.8
2.0
20 (fo ± 77.5)
Cellular-NMT/GSM
TOKO
Part
Number
Center
Frequency
(MHz)
Insertion
Loss
(dB) Max.
Ripple
in BW
(dB) Max.
V.S.W.R.
in BW
Max.
Application
Bandwidth
(fo ± MHz)
Selectivity
(dB) Min. (MHz)
#6DFB-1544F-10
1544.5
± 14.5
3.0
1.0
2.0
20,30 (fo − 64.5, + 82) INMARSAT
#6DFB-1643G-11
1643.5
± 17.0
3.0
1.0
2.0
23,37 (fo − 67, + 108)
INMARSAT
#6DFB-915E-10
915.0
± 13.0
2.0
0.8
2.0
12 (fo ± 32.5)
Spread Spectrum
#6DFB-886A-10
886.0
± 1.0
4.0
0.5
2.0
40,50 (fo − 45, + 45)
Cordless Phone
#6DFB-914A-10
914.5
± 0.5
4.0
0.5
2.0
40,50 (fo − 45, + 45)
Cordless Phone
#6DFB-959A-10
959.5
± 0.5
4.0
0.5
2.0
40,50 (fo − 45, + 45)
Cordless Phone
#6DFB-1575B-10
1575.4
± 5.0
3.0
1.0
2.0
18 (fo ± 50)
GPS Receiver
TYPE #6DFB: 3 Pole Designs
東光品番
中心周波数
帯域幅
挿入損失
帯域内リップル
V.S.W.R.
選択度
応用例
#6DFB-836E-10
836.5
± 12.5
2.0
0.8
2.0
12 (fo ± 32.5)
Cellular-AMPS
#6DFB-881E-10
881.5
± 12.5
2.0
0.8
2.0
12 (fo ± 32.5)
Cellular-AMPS
#6DFB-933G-10
933.5
± 16.5
2.5
0.8
2.0
6 (fo ± 28.5)
Cellular-TACS
#6DFB-902E-10
902.5
± 12.5
2.0
0.8
2.0
12 (fo ± 32.5)
Cellular-NMT/GSM
#6DFB-947E-10
947.5
± 12.5
2.0
0.8
2.0
12 (fo ± 32.5)
Cellular-NMT/GSM
TOKO
Part
Number
Center
Frequency
(MHz)
Insertion
Loss
(dB) Max.
Ripple
in BW
(dB) Max.
V.S.W.R.
in BW
Max.
Application
Bandwidth
(fo ± MHz)
Selectivity
(dB) Min. (MHz)
入出力インピーダンス/Input Output impedance : 50Ω


Similar Part No. - 6DFB

ManufacturerPart #DatasheetDescription
logo
TOKO, Inc
6DFC TOKO-6DFC Datasheet
102Kb / 1P
Dielectric Filters
6DFC-1030C-10 TOKO-6DFC-1030C-10 Datasheet
102Kb / 1P
Dielectric Filters
6DFC-1090C-10 TOKO-6DFC-1090C-10 Datasheet
102Kb / 1P
Dielectric Filters
6DFC-1229B-12TW TOKO-6DFC-1229B-12TW Datasheet
102Kb / 1P
Dielectric Filters
6DFC-1542G-10 TOKO-6DFC-1542G-10 Datasheet
102Kb / 1P
Dielectric Filters
More results

Similar Description - 6DFB

ManufacturerPart #DatasheetDescription
logo
Raltron Electronics Cor...
RCFA1-836BP2 RALTRON-RCFA1-836BP2 Datasheet
138Kb / 7P
Dielectric Ceramic Filters and Duplexers
logo
TOKO, Inc
4DFA TOKO-4DFA Datasheet
165Kb / 3P
Dielectric Filters for Surface Mounting
6DFC TOKO-6DFC Datasheet
102Kb / 1P
Dielectric Filters
6DFSD TOKO-6DFSD Datasheet
136Kb / 1P
Dielectric Filters
logo
AEL Crystals Ltd
DF2C820P20 AEL-DF2C820P20 Datasheet
124Kb / 1P
Dielectric Devices Dielectric Filters (DF)
logo
TOKO, Inc
WDFM TOKO-WDFM Datasheet
152Kb / 1P
Dielectric Waveguide Filters
logo
Token Electronics Indus...
DF457S30A TOKEN-DF457S30A Datasheet
524Kb / 19P
DF-B Dielectric Filters
logo
Murata Manufacturing Co...
SFECF10M7DF00S0-R0 MURATA-SFECF10M7DF00S0-R0_17 Datasheet
223Kb / 3P
Filters
SFECF10M7FF00S0-R0 MURATA-SFECF10M7FF00S0-R0_17 Datasheet
223Kb / 3P
Filters
SFECF10M7GA00S0-R0 MURATA-SFECF10M7GA00S0-R0_17 Datasheet
223Kb / 3P
Filters
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com