Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LR1106L-30-AF5-R Datasheet(PDF) 4 Page - Unisonic Technologies

Part # LR1106L-30-AF5-R
Description  LARGE CURRENT POSITIVE VOLTAGE REGULATORS
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

LR1106L-30-AF5-R Datasheet(HTML) 4 Page - Unisonic Technologies

  LR1106L-30-AF5-R Datasheet HTML 1Page - Unisonic Technologies LR1106L-30-AF5-R Datasheet HTML 2Page - Unisonic Technologies LR1106L-30-AF5-R Datasheet HTML 3Page - Unisonic Technologies LR1106L-30-AF5-R Datasheet HTML 4Page - Unisonic Technologies LR1106L-30-AF5-R Datasheet HTML 5Page - Unisonic Technologies LR1106L-30-AF5-R Datasheet HTML 6Page - Unisonic Technologies LR1106L-30-AF5-R Datasheet HTML 7Page - Unisonic Technologies LR1106L-30-AF5-R Datasheet HTML 8Page - Unisonic Technologies LR1106L-30-AF5-R Datasheet HTML 9Page - Unisonic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
LR1106
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
4 of 16
www.unisonic.com.tw
QW-R502-055,F
ELECTRICAL CHARACTERISTICS(Cont.)
For LR1106-25
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Output Voltage
VOUT
VIN=3.5V, IOUT=40mA
2.450
2.500
2.550
V
Input Voltage
VIN
8
V
Load Regulation
Δ
VOUT
VIN=3.5V, 1mA≤IOUT≤200mA
40
100
mV
VD1
IOUT=100mA
170
250
Dropout Voltage
VD2
IOUT=200mA
320
500
mV
Maximum Output Current
IOUT(MAX)
VIN=3.5V, VOUT≥VOUT× 0.93
400
mA
Supply Current
ISS
VIN=3.5V, VEN=VIN
30.0
50.0
µA
IEH
VEN=VIN
0.1
µA
EN Input Bias Current
IEL
VEN=0, VIN=3.5V to 8V
1.0
3.0
µA
VEH
VIN=2.6V to 7V
VIN/2+0.8
VIN
V
EN Input Threshold
VEL
VIN=2.6V to 7V
0
0.4
V
Line Regulation
△
VOUT
V
△ IN×△VOUT
IOUT=40mA, 3.5V≤VIN≤8.0V
0.2
0.5
%/V
Output Voltage
Temperature Characteristics
△
VOUT
△
TOPR×VOUT
IOUT=40mA
±
100
ppm/℃
For LR1106-27
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Output Voltage
VOUT
VIN=3.7V, IOUT=40mA
2.646
2.700
2.754
V
Input Voltage
VIN
8
V
Load Regulation
Δ
VOUT
VIN=3.7V, 1mA≤IOUT≤200mA
40
100
mV
VD1
IOUT=100mA
170
250
Dropout Voltage
VD2
IOUT=200mA
320
500
mV
Maximum Output Current
IOUT(MAX)
VIN=3.7V, VOUT≥VOUT× 0.93
400
mA
Supply Current
ISS
VIN=3.7V, VEN=VIN
30.0
50.0
µA
IEH
VEN=VIN
0.1
µA
EN Input Bias Current
IEL
VEN=0, VIN=3.7V to 8V
1.0
3.0
µA
VEH
VIN=2.6V to 7V
VIN/2+0.8
VIN
V
EN Input Threshold
VEL
VIN=2.6V to 7V
0
0.4
V
Line Regulation
△
VOUT
V
△ IN×△VOUT
IOUT=40mA, 3.7V≤VIN≤8.0V
0.2
0.5
%/V
Output Voltage
Temperature Characteristics
△
VOUT
△
TOPR×VOUT
IOUT=40mA
±
100
ppm/℃
For LR1106-28
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Output Voltage
VOUT
VIN=3.8V, IOUT=40mA
2.744
2.800
2.856
V
Input Voltage
VIN
8
V
Load Regulation
Δ
VOUT
VIN=3.8V, 1mA≤IOUT≤200mA
40
100
mV
VD1
IOUT=100mA
170
250
Dropout Voltage
VD2
IOUT=200mA
320
500
mV
Maximum Output Current
IOUT(MAX)
VIN=3.8V, VOUT≥VOUT× 0.93
400
mA
Supply Current
ISS
VIN=3.8V, VEN=VIN
30.0
50.0
µA
IEH
VEN=VIN
0.1
µA
EN Input Bias Current
IEL
VEN=0, VIN=3.8V to 8V
1.0
3.0
µA
VEH
VIN=2.6V to 7V
VIN/2+0.8
VIN
V
EN Input Threshold
VEL
VIN=2.6V to 7V
0
0.4
V
Line Regulation
△
VOUT
V
△ IN×△VOUT
IOUT=40mA, 3.8V≤VIN≤8.0V
0.2
0.5
%/V
Output Voltage
Temperature Characteristics
△
VOUT
△
TOPR×VOUT
IOUT=40mA
±
100
ppm/℃



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com