Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LR1106L-30-AF5-R Datasheet(PDF) 10 Page - Unisonic Technologies

Part # LR1106L-30-AF5-R
Description  LARGE CURRENT POSITIVE VOLTAGE REGULATORS
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

LR1106L-30-AF5-R Datasheet(HTML) 10 Page - Unisonic Technologies

Back Button LR1106L-30-AF5-R Datasheet HTML 6Page - Unisonic Technologies LR1106L-30-AF5-R Datasheet HTML 7Page - Unisonic Technologies LR1106L-30-AF5-R Datasheet HTML 8Page - Unisonic Technologies LR1106L-30-AF5-R Datasheet HTML 9Page - Unisonic Technologies LR1106L-30-AF5-R Datasheet HTML 10Page - Unisonic Technologies LR1106L-30-AF5-R Datasheet HTML 11Page - Unisonic Technologies LR1106L-30-AF5-R Datasheet HTML 12Page - Unisonic Technologies LR1106L-30-AF5-R Datasheet HTML 13Page - Unisonic Technologies LR1106L-30-AF5-R Datasheet HTML 14Page - Unisonic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
LR1106
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
10 of 16
www.unisonic.com.tw
QW-R502-055,F
TYPICAL CHARACTERISTICS (Cont.)
(2) LR1106-25
VIN=3.5V
CIN=CL=1.0μF (tantalum)
2.6
2.5
2.4
2.3
2.2
0
100
200
300
400
85℃
TOPR=25℃
Output Current, IOUT (mA)
1.3
0
Input Voltage, VIN (V)
IOUT=1mA
IOUT=40mA
IOUT=100mA
12
3
4
5
6
7
TOPR=25℃
CIN=CL=1.0μF (tantalum)
1.5
1.7
1.8
2.1
2.3
2.5
2.7
Output Voltage vs Output Current
Output Voltage vs Input Voltage
CIN=CL=1.0μF (tantalum)
1.2
1.0
0.6
0.0
0
100
200
300
400
85℃
TOPR=25℃
Output Current, IOUT (mA)
0.8
0.4
0.2
20
8
85℃
TOPR=25℃
Input Voltage, VIN (V)
6
4
2
0
15
10
5
0
Dropout Voltage vs Output Current
Supply Current vs Input Voltage
2.60
2.40
100
Ambient Temperature, TOPR (℃)
IOUT=1mA
IOUT=40mA
IOUT=100mA
80
60
40
20
0
-20
-40
-60
2.45
2.50
2.55
0
100
Ambient Temperature, TOPR (℃)
80
60
40
20
0
-20
-40
-60
5
10
15
20
VIN=3.5V
Output Voltage vs Ambient Temperature
Supply Current vs Ambient Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com