Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLV571IPW Datasheet(PDF) 22 Page - Texas Instruments

Click here to check the latest version.
Part # TLV571IPW
Description  2.7 V TO 5.5 V, 1-CHANNEL, 8-BIT, PARALLEL ANALOG-TO-DIGITAL CONVERTER
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV571IPW Datasheet(HTML) 22 Page - Texas Instruments

Back Button TLV571IPW Datasheet HTML 18Page - Texas Instruments TLV571IPW Datasheet HTML 19Page - Texas Instruments TLV571IPW Datasheet HTML 20Page - Texas Instruments TLV571IPW Datasheet HTML 21Page - Texas Instruments TLV571IPW Datasheet HTML 22Page - Texas Instruments TLV571IPW Datasheet HTML 23Page - Texas Instruments TLV571IPW Datasheet HTML 24Page - Texas Instruments TLV571IPW Datasheet HTML 25Page - Texas Instruments TLV571IPW Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 28 page
background image
TLV571
2.7 V TO 5.5 V, 1-CHANNEL, 8-BIT,
PARALLEL ANALOG-TO-DIGITAL CONVERTER
SLAS239A – SEPTEMBER 1999 – REVISED FEBRUARY 2000
22
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Figure 16
–0.08
–0.06
–0.04
–0.02
0.00
0.02
0.04
0.06
0.08
0.10
0.12
0
64
128
192
256
Digital Output Code
DIFFERENTIAL NONLINEARITY
vs
DIGITAL OUTPUT CODE
AVDD = DVDD = 5 V,
External Ref = 5 V,
CLK = 20 MHz,
TA = 25°C
Figure 17
–0.08
–0.06
–0.04
–0.02
0.00
0.02
0.04
0.06
0.08
0.10
0.12
0.14
0
64
128
192
256
Digital Output Code
INTEGRAL NONLINEARITY
vs
DIGITAL OUTPUT CODE
AVDD = DVDD = 5 V,
External Ref = 5 V,
CLK = 20 MHz,
TA = 25°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com