Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLV571IPW Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TLV571IPW
Description  2.7 V TO 5.5 V, 1-CHANNEL, 8-BIT, PARALLEL ANALOG-TO-DIGITAL CONVERTER
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV571IPW Datasheet(HTML) 3 Page - Texas Instruments

  TLV571IPW Datasheet HTML 1Page - Texas Instruments TLV571IPW Datasheet HTML 2Page - Texas Instruments TLV571IPW Datasheet HTML 3Page - Texas Instruments TLV571IPW Datasheet HTML 4Page - Texas Instruments TLV571IPW Datasheet HTML 5Page - Texas Instruments TLV571IPW Datasheet HTML 6Page - Texas Instruments TLV571IPW Datasheet HTML 7Page - Texas Instruments TLV571IPW Datasheet HTML 8Page - Texas Instruments TLV571IPW Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
TLV571
2.7 V TO 5.5 V, 1-CHANNEL, 8-BIT,
PARALLEL ANALOG-TO-DIGITAL CONVERTER
SLAS239A – SEPTEMBER 1999 – REVISED FEBRUARY 2000
3
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
detailed description
analog-to-digital SAR converter
_
+
Charge
Redistribution
DAC
SAR
Register
REFM
ADC Code
Control
Logic
Ain
Figure 1
The TLV571 is a successive-approximation ADC utilizing a charge redistribution DAC. Figure 1 shows a
simplified version of the ADC.
The sampling capacitor acquires the signal on Ain during the sampling period. When the conversion process
starts, the SAR control logic and charge redistribution DAC are used to add and subtract fixed amounts of charge
from the sampling capacitor to bring the comparator into a balanced condition. When the comparator is
balanced, the conversion is complete and the ADC output code is generated.
sampling frequency, fs
The TLV571 requires 16 CLKs for each conversion, therefore the equivalent maximum sampling frequency
achievable with a given CLK frequency is:
fs(max) = (1/16) fCLK
The TLV571 is software configurable. The first two MSB bits, D(7,6) are used to address which register to set.
The remaining six bits are used as control data bits. There are two control registers, CR0 and CR1, that are user
configurable. All of the register bits are written to the control register during write cycles. A description of the
control registers is shown in Figure 2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com