Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC1379 Datasheet(PDF) 3 Page - Unisonic Technologies

Part # PC1379
Description  1-CHIP DEFECTION SYSTEM
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

PC1379 Datasheet(HTML) 3 Page - Unisonic Technologies

  PC1379 Datasheet HTML 1Page - Unisonic Technologies PC1379 Datasheet HTML 2Page - Unisonic Technologies PC1379 Datasheet HTML 3Page - Unisonic Technologies PC1379 Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
UTCPC1379
LINEAR INTEGRATED CIRCUIT
UTC UNISONIC TECHNOLOGIES CO., LTD. 3
QW-R111-005,A
TEST CIRCUIT
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
UTC PC1379
100
µF/16V
15k
Ω
1000
µF/25V
15k
Ω
470
Ω
12V
Ly=2mH
Ry=10
Ω
4700pF
1000pF
0.01
µF
68k
Ω
5600pF
10k
Ω
10k
Ω
12V
APPLICATION CIRCUIT
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
UTC PC1379
100
µF/16V
15k
Ω
1000
µF/25V
15k
Ω
470
Ω
12V
Ly=2mH
Ry=10
Ω
4700pF
0.01
µF
68k
Ω
5600pF
10k
Ω
10k
Ω
430
Ω
8.2k
Ω
VCCH=12V
VCCH=110V
1000pF
100Vp_p
1.5Vp_p
1Vp_p
25
µs



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com