Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC1379 Datasheet(PDF) 1 Page - Unisonic Technologies

Part # PC1379
Description  1-CHIP DEFECTION SYSTEM
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

PC1379 Datasheet(HTML) 1 Page - Unisonic Technologies

  PC1379 Datasheet HTML 1Page - Unisonic Technologies PC1379 Datasheet HTML 2Page - Unisonic Technologies PC1379 Datasheet HTML 3Page - Unisonic Technologies PC1379 Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
UTCPC1379
LINEAR INTEGRATED CIRCUIT
UTC UNISONIC TECHNOLOGIES CO., LTD. 1
QW-R111-005,A
1-CHIP DEFECTION SYSTEM
DESCRIPTION
The UTC PC1379 consists of a vertical system, including
function and a horizontal system, including an AFC function.
It is for use in small size color TVs, B/W TV receivers and
monitors.
FEATURES
*Low power consumption, direct deflection coil driving
capability(Fly-back voltage two times as high supply voltage
is supplied during fly-back period only)
*Variable circuit of vertical retrace time on chip
FUNCTIONS
HORIZONTAL SECTION
*SYNC separation
*Horizontal Oscillators
*Horizontal Pre-drivers
*Horizontal AFCs
*Shunt Regulator(Typical 6.7V)
VERTICAL SECTION
*Vertical Oscillator
*Vertical Pre-drivers
*Vertical Output
*Fly-back generators
DIP-16H
BLOCK DIAGRAM
V-AMP
REGUALTOR
H-PREDRIVERS
H-OSC
H-AFC
SYNC-SEP
V-OSC
Fly Back
Generator
2
3
5
11
4
7
8
6
10
9
12
13
14
15
16
1
V-Osc
Control
V-Osc
V-Vcc
Boot
Strap
NF
Boot
Strap
V-
Output
H-
Output
Flykack
Adjusting
H-Osc
Control
H-Vcc
H-AFC
Output
H.AFC
Input
SYNC
SEParation
Input
SYNC
SEParation
Output


Similar Part No. - PC1379

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PC1379 ETC1-PC1379 Datasheet
47Kb / 3P
LINEAR INTEGRATED CIRCUIT
logo
Unisonic Technologies
PC1379 UTC-PC1379_15 Datasheet
92Kb / 4P
1-CHIP DEFECTION SYSTEM
More results

Similar Description - PC1379

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC9083N TOSHIBA-TC9083N Datasheet
954Kb / 25P
1 CHIP PIP CONTROLLER FOR MULTI COLOR SYSTEM
TS7792P TOSHIBA-TS7792P Datasheet
388Kb / 9P
AM/FM 1 CHIP TUNER SYSTEM IC (1.5V USE)
logo
Samsung semiconductor
KA2133 SAMSUNG-KA2133 Datasheet
95Kb / 3P
1-CHIP DEFLECTION SYSTEM
KA2213 SAMSUNG-KA2213 Datasheet
153Kb / 8P
1 CHIP TAPE RECORDER SYSTEM
KA22130 SAMSUNG-KA22130 Datasheet
154Kb / 8P
1 CHIP TAPE RECORDER SYSTEM
logo
Daewoo Semiconductor
DBL1091 DAEWOO-DBL1091 Datasheet
411Kb / 8P
AUDIO 1 CHIP TUNER SYSTEM
logo
List of Unclassifed Man...
CD1379CP ETC1-CD1379CP Datasheet
65Kb / 4P
1 - CHIP DEFECTION SYSTEM
logo
Unisonic Technologies
PC1379 UTC-PC1379_15 Datasheet
92Kb / 4P
1-CHIP DEFECTION SYSTEM
logo
List of Unclassifed Man...
CP1122 ETC-CP1122 Datasheet
115Kb / 2P
STM-1 Single Chip Add/Drop Multiplexer System device
Rev1.0 March, 2005
CP1122A ETC-CP1122A Datasheet
112Kb / 2P
STM-1 Single Chip Add/Drop Multiplexer System device
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com