Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74ACT374 Datasheet(PDF) 1 Page - ON Semiconductor

Part # 74ACT374
Description  Octal D?뭈ype Flip?묯lop with 3?뭆tate Outputs
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

74ACT374 Datasheet(HTML) 1 Page - ON Semiconductor

  74ACT374 Datasheet HTML 1Page - ON Semiconductor 74ACT374 Datasheet HTML 2Page - ON Semiconductor 74ACT374 Datasheet HTML 3Page - ON Semiconductor 74ACT374 Datasheet HTML 4Page - ON Semiconductor 74ACT374 Datasheet HTML 5Page - ON Semiconductor 74ACT374 Datasheet HTML 6Page - ON Semiconductor 74ACT374 Datasheet HTML 7Page - ON Semiconductor 74ACT374 Datasheet HTML 8Page - ON Semiconductor 74ACT374 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Figure 2. Logic Symbol
O0 O1 O2 O3 O4 O5 O6 O7
D0 D1 D2 D3 D4 D5 D6 D7
CP
OE
© Semiconductor Components Industries, LLC, 2006
November, 2006 − Rev. 8
1
Publication Order Number:
MC74AC374/D
MC74AC374, MC74ACT374
Octal D−Type Flip−Flop with
3−State Outputs
The MC74AC374/74ACT374 is a high−speed, low−power octal
D−type flip−flop featuring separate D−type inputs for each flip−flop
and 3−state outputs for bus−oriented applications. A buffered Clock
(CP) and Output Enable (OE) are common to all flip−flops.
Features
• Buffered Positive Edge−Triggered Clock
• 3−State Outputs for Bus−Oriented Applications
• Outputs Source/Sink 24 mA
• See MC74AC273 for Reset Version
• See MC74AC377 for Clock Enable Version
• See MC74AC373 for Transparent Latch Version
• See MC74AC574 for Broadside Pinout Version
• See MC74AC564 for Broadside Pinout Version with Inverted
Outputs
• ′ACT374 Has TTL Compatible Inputs
• Pb−Free Packages are Available
Figure 1. Pinout: 20 Lead Packages Conductors
(Top View)
19
20
18
17
16
15
14
2
1
34567
VCC
13
8
12
9
11
10
O7
D7
D6
O6
O5
D5
D4
O4
CP
OE
O0
D0
D1
O1
O2
D2
D3
O3 GND
PIN ASSIGNMENT
PIN
FUNCTION
D0−D7
Data Inputs
CP
Clock Pulse Input
OE
3−State Output Enable Input
O0−O7
3−State Outputs
http://onsemi.com
SOIC−20W
DW SUFFIX
CASE 751D
TSSOP−20
DT SUFFIX
CASE 948E
SOEIAJ−20
M SUFFIX
CASE 967
1
1
1
PDIP−20
N SUFFIX
CASE 738
1
See detailed ordering and shipping information in the package
dimensions section on page 7 of this data sheet.
ORDERING INFORMATION
See general marking information in the device marking
section on page 6 of this data sheet.
DEVICE MARKING INFORMATION


Similar Part No. - 74ACT374

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
74ACT374 STMICROELECTRONICS-74ACT374 Datasheet
90Kb / 10P
OCTAL D-TYPE FLIP FLOP WITH 3 STATE OUTPUT NON INVERTING
Apr-1997
logo
Fairchild Semiconductor
74ACT374 FAIRCHILD-74ACT374 Datasheet
107Kb / 10P
Octal D-Type Flip-Flop with 3-STATE Outputs
74ACT374 FAIRCHILD-74ACT374 Datasheet
436Kb / 14P
Octal D-Type Flip-Flop with 3-STATE Outputs
logo
STMicroelectronics
74ACT374 STMICROELECTRONICS-74ACT374 Datasheet
237Kb / 11P
OCTAL D-TYPE FLIP-FLOP WITH 3 STATE OUTPUTS (NON INVERTED)
Apr-2001
74ACT374B STMICROELECTRONICS-74ACT374B Datasheet
90Kb / 10P
OCTAL D-TYPE FLIP FLOP WITH 3 STATE OUTPUT NON INVERTING
Apr-1997
More results

Similar Description - 74ACT374

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74HCT574A ONSEMI-MC74HCT574A_05 Datasheet
107Kb / 7P
Octal 3?뭆tate Noninverting D Flip?묯lop with LSTTL?묬ompatible Inputs
September, 2005 ??Rev. 9
MC74AC574 ONSEMI-MC74AC574_06 Datasheet
115Kb / 10P
Octal D Flip?묯lop with 3?뭆tate Outputs
December, 2006 ??Rev. 8
MC74ACT564 ONSEMI-MC74ACT564 Datasheet
81Kb / 8P
Octal D?뭈ype Flip?묯lop with 3?뭆tate Outputs
December, 2006 ??Rev. 3
MC74VHC374 ONSEMI-MC74VHC374 Datasheet
180Kb / 8P
Octal D?뭈ype Flip?묯lop with 3?뭆tate Output
March, 2006 ??Rev. 5
MC74VHC573 ONSEMI-MC74VHC573_06 Datasheet
173Kb / 8P
Octal D?뭈ype Latch with 3?뭆tate Output
March, 2006 ??Rev. 5
MC74VHC574 ONSEMI-MC74VHC574 Datasheet
168Kb / 8P
Octal D?뭈ype Flip?묯lop with 3?뭆tate Output
March, 2006 ??Rev. 5
MC74VHCT374A ONSEMI-MC74VHCT374A_06 Datasheet
107Kb / 7P
Octal D?뭈ype Flip?묯lop with 3?뭆tate Output
January, 2006 ??Rev. 4
MC74VHCT574A ONSEMI-MC74VHCT574A_06 Datasheet
98Kb / 7P
Octal D?뭈ype Flip?묯lop with 3?뭆tate Output
January, 2006 ??Rev. 4
74HC374 ONSEMI-74HC374 Datasheet
130Kb / 9P
Octal 3?뭆tate Non?묲nverting D Flip?묯lop
March, 2007 ??Rev. 0
74HC574 ONSEMI-74HC574 Datasheet
132Kb / 8P
Octal 3?뭆tate Noninverting D Flip?묯lop
March, 2007 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com