Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74ACT374 Datasheet(PDF) 4 Page - ON Semiconductor

Part # 74ACT374
Description  Octal D?뭈ype Flip?묯lop with 3?뭆tate Outputs
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

74ACT374 Datasheet(HTML) 4 Page - ON Semiconductor

  74ACT374 Datasheet HTML 1Page - ON Semiconductor 74ACT374 Datasheet HTML 2Page - ON Semiconductor 74ACT374 Datasheet HTML 3Page - ON Semiconductor 74ACT374 Datasheet HTML 4Page - ON Semiconductor 74ACT374 Datasheet HTML 5Page - ON Semiconductor 74ACT374 Datasheet HTML 6Page - ON Semiconductor 74ACT374 Datasheet HTML 7Page - ON Semiconductor 74ACT374 Datasheet HTML 8Page - ON Semiconductor 74ACT374 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
MC74AC374, MC74ACT374
http://onsemi.com
4
AC CHARACTERISTICS (For Figures and Waveforms − See AND8277/D at www.onsemi.com)
Symbol
Parameter
VCC*
(V)
74AC
74AC
Unit
Fig.
No.
TA = +25°C
CL = 50 pF
TA = −40°C
to +85
°C
CL = 50 pF
Min
Typ
Max
Min
Max
fmax
Maximum Clock
3.3
60
110
−
60
−
MHz
3−3
Frequency
5.0
100
155
−
100
−
tPLH
Propagation Delay
3.3
3.0
11
13.5
1.5
15.5
ns
3−6
CP to On
5.0
2.5
8.0
9.5
1.5
10.5
tPHL
Propagation Delay
3.3
2.5
10
12.5
2.0
14
ns
3−6
CP to On
5.0
2.0
7.0
9.0
1.5
10
tPZH
Output Enable Time
3.3
3.0
9.5
11.5
1.5
13
ns
3−7
5.0
2.0
7.0
8.5
1.0
9.5
tPZL
Output Enable Time
3.3
2.5
9.0
11.5
1.5
13
ns
3−8
5.0
2.0
6.5
8.5
1.0
9.5
tPHZ
Output Disable Time
3.3
3.0
10.5
12.5
2.0
14.5
ns
3−7
5.0
2.0
8.0
11
2.0
12.5
tPLZ
Output Disable Time
3.3
2.0
8.0
11.5
1.0
12.5
ns
3−8
5.0
1.5
6.5
8.5
1.0
10
*Voltage Range 3.3 V is 3.3 V
±0.3 V.
Voltage Range 5.0 V is 5.0 V
±0.5 V.
AC OPERATING REQUIREMENTS
Symbol
Parameter
VCC*
(V)
74AC
74AC
Unit
Fig.
No.
TA = +25°C
CL = 50 pF
TA = −40°C
to +85
°C
CL = 50 pF
Typ
Guaranteed Minimum
ts
Setup Time, HIGH or LOW
3.3
2.0
5.5
6.0
ns
3−9
Dn to CP
5.0
1.0
4.0
4.5
th
Hold Time, HIGH or LOW
3.3
−1.0
1.0
1.0
ns
3−9
Dn to CP
5.0
0
1.5
1.5
tw
CP Pulse Width
3.3
4.0
5.5
6.0
ns
3−6
HIGH or LOW
5.0
2.5
4.0
4.5
*Voltage Range 3.3 V is 3.3 V
±0.3 V.
Voltage Range 5.0 V is 5.0 V
±0.5 V.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com