Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P1696-50-SO8-R Datasheet(PDF) 6 Page - Unisonic Technologies

Part # P1696-50-SO8-R
Description  150KHZ, 2A PWM STEP-DOWN DC/DC CONVERTER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

P1696-50-SO8-R Datasheet(HTML) 6 Page - Unisonic Technologies

  P1696-50-SO8-R Datasheet HTML 1Page - Unisonic Technologies P1696-50-SO8-R Datasheet HTML 2Page - Unisonic Technologies P1696-50-SO8-R Datasheet HTML 3Page - Unisonic Technologies P1696-50-SO8-R Datasheet HTML 4Page - Unisonic Technologies P1696-50-SO8-R Datasheet HTML 5Page - Unisonic Technologies P1696-50-SO8-R Datasheet HTML 6Page - Unisonic Technologies P1696-50-SO8-R Datasheet HTML 7Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
P1696
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
6 of 7
www.unisonic.com.tw
QW-R103-035,B
TYPICAL CHARACTERISTICS(Cont.)
00
40
80
120
160
200
Supply Voltage (V)
VON/OFF=5V
1 : -40℃
2 : 25 ℃
3 : 125 ℃
Shutdown Quiescent Current
0
5
10
15
20
25
30
3
1
2
100
125
0.0
1.0
2.0
3.0
4.0
5.0
6.0
-50
-25
0
25
50
75
Juntion Temperature (℃)
VOUT=1.23V
ILOAD=200mA
Minimum Operating Supply Voltage
-25
0
25
50
75
100
125
Junction Temperature (℃)
0.0
1.0
2.0
3.0
4.0
5.0
6.0
-50
ON/OFF Threshold Voltage
OFF
ON
10
15
20
22
23
24
25
ON/OFF Pin Voltage (V)
0.0
30
60
90
120
150
180
0.0
ON/OFF Pin Current (Sinking)
VIN=40V
-40℃< TJ <125℃
-25
0
25
50
75
100
125
0.0
50
100
150
200
250
300
-50
VIN =20V, I LOAD=2A
Normalized at TJ=25℃
Switch Frequency
0.0
10
20
30
40
50
60
Junction Temperature (℃)
-25
0
25
50
75
100
125
Junction Temperature (℃)
-50
Adjustable Version Only
Feedback Pin Bias Current



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com