Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P1696-50-SO8-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # P1696-50-SO8-R
Description  150KHZ, 2A PWM STEP-DOWN DC/DC CONVERTER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

P1696-50-SO8-R Datasheet(HTML) 1 Page - Unisonic Technologies

  P1696-50-SO8-R Datasheet HTML 1Page - Unisonic Technologies P1696-50-SO8-R Datasheet HTML 2Page - Unisonic Technologies P1696-50-SO8-R Datasheet HTML 3Page - Unisonic Technologies P1696-50-SO8-R Datasheet HTML 4Page - Unisonic Technologies P1696-50-SO8-R Datasheet HTML 5Page - Unisonic Technologies P1696-50-SO8-R Datasheet HTML 6Page - Unisonic Technologies P1696-50-SO8-R Datasheet HTML 7Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
UNISONIC TECHNOLOGIES CO., LTD
P1696
LINEAR INTEGRATED CIRCUIT
www.unisonic.com.tw
1 of 7
Copyright © 2006 Unisonic Technologies Co., Ltd
QW-R103-035,B
150KHZ, 2A PWM STEP-DOWN
DC/DC CONVERTER
DESCRIPTION
The UTC P1696 series is a step-down switching regulator able
to provide 2A output current. The available output voltages are
2.5V 3.3V, 5V, 12V, and an adjustable
output version.
FEATURES
*Output load current: 2A
*Adjustable version output voltage range, 1.23V ~ 27.5V±4%
*Operating voltage can be up to 30V (VIN->30V)
*Low power standby mode
*High efficiency
*Internal current and thermal limit
SOP-8
*Pb-free plating product number:P1696L
ORDERING INFORMATION
Order Number
Normal
Lead Free Plating
Package
Packing
P1696-xx-S08-R
P1696L-xx-S08-R
SOP-8
Tape Reel
P1696-xx-S08-T
P1696L-xx-S08-T
SOP-8
Tube
P1696L-xx-S08-R
(1)Packing Type
(2)Package Type
(3)Output Voltage Code
(4)Lead Plating
(1) R: Tape Reel, T: Tube
(2) S08: SOP-8
(3) xx:
25:2. 5V, 33: 3.3V ,50: 5. 0V, 12:12V ,AD :ADJ
(4) L: Lead Free Plating, Blank: Pb/Sn
PIN DESCRIPTION
PIN NO.
PIN NAME
DESCRIPTION
1
VIN
Operating voltage input
2
Output
Switching output
3
FB (Feedback)
Output voltage feedback control
4
SD (Shutdown)
ON/OFF shutdown
5,6,7,8
GND
Circuit Ground


Similar Part No. - P1696-50-SO8-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
P1696 UTC-P1696 Datasheet
223Kb / 7P
150KHZ, 2A PWM STEP-DOWN DC/DC CONVERTER
P1696 UTC-P1696 Datasheet
223Kb / 7P
200KHZ, 2A PWM STEP-DOWN DC/DC CONVERTER
P1696 UTC-P1696 Datasheet
248Kb / 7P
200KHZ, 2A PWM STEP-DOWN DC/DC CONVERTER
P1696G-12-S08-R UTC-P1696G-12-S08-R Datasheet
248Kb / 7P
200KHZ, 2A PWM STEP-DOWN DC/DC CONVERTER
P1696G-12-S08-T UTC-P1696G-12-S08-T Datasheet
248Kb / 7P
200KHZ, 2A PWM STEP-DOWN DC/DC CONVERTER
More results

Similar Description - P1696-50-SO8-R

ManufacturerPart #DatasheetDescription
logo
Anachip Corp
AP1509 ANACHIP-AP1509 Datasheet
150Kb / 8P
150KHz, 2A PWM Buck DC/DC Converter
Rev. 0.1 Nov 27, 2003
logo
Diodes Incorporated
AP1509 DIODES-AP1509 Datasheet
196Kb / 12P
150KHz, 2A PWM BUCK DC/DC CONVERTER
AP1509 Rev. 1
logo
List of Unclassifed Man...
AX1509 ETC2-AX1509 Datasheet
223Kb / 8P
150KHz, 2A PWM Buck DC/DC Converter
logo
Orister Corporation
RS1509 ORISTER-RS1509 Datasheet
204Kb / 8P
150KHz, 2A PWM Buck DC/DC Converter
logo
ACE Technology Co., LTD...
ACE150X ACE-ACE150X Datasheet
714Kb / 13P
150KHz,2A, PWM Step-Down DC/DC Converter
VER 1.2
logo
Diodes Incorporated
AP1509 DIODES-AP1509_10 Datasheet
213Kb / 13P
150KHz, 2A PWM BUCK DC/DC CONVERTER
DS31016 Rev. 4 - 2
logo
Unisonic Technologies
P1696 UTC-P1696_11 Datasheet
223Kb / 7P
150KHZ, 2A PWM STEP-DOWN DC/DC CONVERTER
logo
HTC Korea TAEJIN Techno...
TJ1509A HTC-TJ1509A Datasheet
795Kb / 8P
150kHz, 2A PWM Buck DC/DC Converter
logo
Advanced Power Electron...
APE1701 A-POWER-APE1701 Datasheet
150Kb / 9P
150KHz, 2A PWM BUCK DC/DC CONVERTER
logo
AiT Semiconductor Inc.
A7142 AITSEMI-A7142 Datasheet
490Kb / 10P
DC-DC CONVERTER/ BUCK (STEP-DOWN) SIMPLE SWITCHER POWER CONVERTER 150kHz, 2A PWM
REV2.1
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com