Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASWR03 Datasheet(PDF) 2 Page - TOKO, Inc

Part # ASWR03
Description  2.45 GHZ DIELECTRIC ANTENNA
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKO [TOKO, Inc]
Direct Link  http://www.toko.com
Logo TOKO - TOKO, Inc

ASWR03 Datasheet(HTML) 2 Page - TOKO, Inc

  ASWR03 Datasheet HTML 1Page - TOKO, Inc ASWR03 Datasheet HTML 2Page - TOKO, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
ASWR03
2.45 GHZ DIELECTRIC ANTENNA
October 2004
2
© 2004 TOKO America, Inc.
All Rights Reserved
Printed in USA
CF-299-ASWR03
R-LOG1004A
TOKO America, Inc.
1250 Feehanville Drive, Mount Prospect, Illinois 60056
Tel: (847) 297-0070 Fax: (847) 699-7864 Web: http://www.tokoam.com
The information furnished by TOKO, Inc. is believed to be accurate and reliable. However, TOKO reserves the right to make changes or improvements in the design, specification or manufacture
of its products without further notice. TOKO does not assume any liability arising from the application or use of any product or circuit described herein, nor for any infringements of patents or
other rights of third parties which may result from the use of its products. No license is granted by implication or otherwise under any patent or patent rights of TOKO, Inc.
Typical Characteristics
Receiving Signal Response Over Frequency
Axial Ratio vs. Elevation Angle
00
3
180
25
330
20
15
300
90
30
6
120
10
150
270
60
240
210
S11
SWR
500m/REF1.0
CENTER: 2450.0 MHz
SPAN: 200 MHz
3
1
2
2: 2450.0 MHz
3: 2500.0 MHz
1: 2400.0 MHz



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com