Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASWR03 Datasheet(PDF) 1 Page - TOKO, Inc

Part # ASWR03
Description  2.45 GHZ DIELECTRIC ANTENNA
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKO [TOKO, Inc]
Direct Link  http://www.toko.com
Logo TOKO - TOKO, Inc

ASWR03 Datasheet(HTML) 1 Page - TOKO, Inc

  ASWR03 Datasheet HTML 1Page - TOKO, Inc ASWR03 Datasheet HTML 2Page - TOKO, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
ASWR03
2.45 GHZ DIELECTRIC ANTENNA
October 2004
1
© 2004 TOKO America, Inc.
All Rights Reserved
Printed in USA
CF-299-ASWR03
R-LOG1004A
Features
• Miniature footprint: 30mm x 30mm
• Low profile: 8.5mm max.
• Center Frequency: 2450 MHz
• Bandwidth: ±50 MHz
• Peak Gain (at center axis): 2.14 dBi (typ.)
• SWR: 2.0 max.
• Impedance: 50 Ω
• Operating temperature: -20°C to +85°C
• Storage temperature: -30°C to +90°C
Dimensions
Description
The TOKO ASWR03 is a wide-directivity, right-hand circularly
polarized dielectric antenna unit specifically designed for 2.450
GHz applications including IEEE 802.11b/g wireless networking.
The ASWR03 antenna unit consists of a dielectric antenna
element mounted with adhesive tape to a printed circuit board.
Typical Characteristics
Directivity Plot
Receiving Signal Response Over Frequency
Unit: mm
00
3
180
25
330
20
15
300
90
30
6
120
10
150
270
60
240
210
REAL : RHCP
DOT : LHCP
S21
log MAG
2dB/REF — 5dB
CENTER: 2450.0 MHz
SPAN: 1000 MHz
RHCP
3
1
2
2: 2450.0 MHz
3: 2500.0 MHz
LHCP
1: 2400.0 MHz
30
±0.2
26
2.2


Similar Part No. - ASWR03

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
ASW MSYSTEM-ASW Datasheet
132Kb / 4P
Plug-in Signal Conditioners M-UNIT
logo
IDEC Corporation
ASW-211 IDEC-ASW-211 Datasheet
3Mb / 41P
TW Series — 22mm NEMA Style Pushbuttons
2019
logo
Advanced Semiconductor ...
ASW101 ASB-ASW101 Datasheet
412Kb / 6P
5-3000 MHz MMIC Amplifier
February 2010
ASW101 ASB-ASW101 Datasheet
891Kb / 8P
MMIC Amplifier
April 2017
ASW101 ASB-ASW101_17 Datasheet
891Kb / 8P
MMIC Amplifier
April 2017
More results

Similar Description - ASWR03

ManufacturerPart #DatasheetDescription
logo
TOKO, Inc
DAC2450CT1T TOKO-DAC2450CT1T Datasheet
459Kb / 2P
2.45 GHZ DIELECTRIC ANTENNA
logo
Johanson Technology Inc...
2450AT42A100 JOHANSON-2450AT42A100 Datasheet
383Kb / 3P
2.45 GHz Antenna
2450AT18A100 JOHANSON-2450AT18A100 Datasheet
272Kb / 3P
2.45 GHz Antenna
2450AT43A100 JOHANSON-2450AT43A100 Datasheet
188Kb / 3P
2.45 GHz Antenna
2450AT45A100 JOHANSON-2450AT45A100 Datasheet
223Kb / 3P
2.45 GHz Antenna
2450AD46A5400 JOHANSON-2450AD46A5400 Datasheet
333Kb / 4P
2.45 GHz / 5.40 GHz Antenna
2450AT18D0100 JOHANSON-2450AT18D0100 Datasheet
326Kb / 3P
2.45 GHz Antenna
2450AT42D0100 JOHANSON-2450AT42D0100 Datasheet
197Kb / 4P
2.45 GHz Antenna
2450AT43D100 JOHANSON-2450AT43D100 Datasheet
299Kb / 4P
2.45 GHz Antenna
2450AT42A100E JOHANSON-2450AT42A100E Datasheet
386Kb / 3P
2.45 GHz Antenna
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com