Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RB520S30-CC2-R Datasheet(PDF) 2 Page - Unisonic Technologies

Part # RB520S30-CC2-R
Description  SCHOTTKY BARRIER DIODE
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

RB520S30-CC2-R Datasheet(HTML) 2 Page - Unisonic Technologies

  RB520S30-CC2-R Datasheet HTML 1Page - Unisonic Technologies RB520S30-CC2-R Datasheet HTML 2Page - Unisonic Technologies RB520S30-CC2-R Datasheet HTML 3Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
RB520S30
DIODE
UNISONICTECHNOLOGIESCO.,LTD
2 of 3
www.unisonic.com.tw
QW-R601-011,A
ABSOLUTE MAXIMUM RATINGS (Single Diode @T
A=25℃)
PARAMETER
SYMBOL
RATINGS
UNIT
Maximum Reverse Voltage (DC)
VR
30
V
Average Rectified Forward Current
IOUT
200
mA
Non-repetitive Peak Forward Surge Current
IFSM
1
A
Junction Temperature
TJ
+125
℃
Storage Temperature
TSTG
-40 ~ +125
℃
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
ELECTRICAL CHARACTERISTICS (T
A=25℃, unless otherwise specified)
PARAMETER
SYMBOL CONDITIONS
MIN
TYP
MAX
UNIT
Forward Voltage Drop
V F
IF=200mA
0.6
V
Reverse Leakage Current
IR
VR=10V
1
µA



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com