Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RB520S30-CC2-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # RB520S30-CC2-R
Description  SCHOTTKY BARRIER DIODE
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

RB520S30-CC2-R Datasheet(HTML) 1 Page - Unisonic Technologies

  RB520S30-CC2-R Datasheet HTML 1Page - Unisonic Technologies RB520S30-CC2-R Datasheet HTML 2Page - Unisonic Technologies RB520S30-CC2-R Datasheet HTML 3Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
UNISONIC TECHNOLOGIES CO., LTD
RB520S30
DIODE
www.unisonic.com.tw
1 of 3
Copyright © 2005 Unisonic Technologies Co., Ltd
QW-R601-011,A
SCHOTTKY BARRIER DIODE
FEATURES
* Miniature surface mounting type
* Low forward voltage drop (VF=0.50V Typ. at 200mA)
* Low reverse leakage current (IR=0.1uA Typ. at 10V)
* Fast switching speed
SOD-523
+
-
*Pb-free plating product number: RB520S30L
ORDERING INFORMATION
Order Number
Normal
Lead Free Plating
Package
Packing
RB520S30-CC2-R
RB520S30L-CC2-R
SOD-523
Tape Reel
RB520S30L-CC2-R
(1)Packing Type
(2)Package Type
(3)Lead Plating
(1) R: Tape Reel
(2) CC2: SOD-523
(3) L: Lead Free Plating, Blank: Pb/Sn
MARKING
5 J
Lead Plating


Similar Part No. - RB520S30-CC2-R

ManufacturerPart #DatasheetDescription
logo
Will Semiconductor Ltd.
RB520S30-2/TR WILLSEMI-RB520S30-2/TR Datasheet
77Kb / 2P
Schottky Barrier Diodes
More results

Similar Description - RB520S30-CC2-R

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
1PS74SB43 PHILIPS-1PS74SB43 Datasheet
49Kb / 8P
Schottky barrier diode
1999 Dec 10
1PS79SB62 PHILIPS-1PS79SB62 Datasheet
56Kb / 8P
Schottky barrier diode
2001 Jan 18
logo
Vishay Siliconix
BAS85 VISHAY-BAS85 Datasheet
51Kb / 4P
Schottky Barrier Diode
01-Apr-99
BAS86 VISHAY-BAS86 Datasheet
51Kb / 4P
Schottky Barrier Diode
01-Apr-99
logo
Diodes Incorporated
BAT46 DIODES-BAT46 Datasheet
49Kb / 1P
SCHOTTKY BARRIER DIODE
DS11002 Rev. E-2
SD103A DIODES-SD103A Datasheet
66Kb / 3P
SCHOTTKY BARRIER DIODE
DS11009 Rev. 11 - 2
logo
ON Semiconductor
NSR0230P2T5G ONSEMI-NSR0230P2T5G Datasheet
42Kb / 3P
Schottky Barrier Diode
October, 2006 ??Rev. 0
logo
Champion Microelectroni...
CMS-S060-060 CHAMP-CMS-S060-060 Datasheet
21Kb / 1P
SCHOTTKY BARRIER DIODE
logo
Shindengen Electric Mfg...
DF20NC15 SHINDENGEN-DF20NC15 Datasheet
641Kb / 2P
Schottky Barrier Diode
DG1N15A SHINDENGEN-DG1N15A Datasheet
700Kb / 2P
Schottky Barrier Diode
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com