Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TL082 Datasheet(PDF) 5 Page - Unisonic Technologies

Part # TL082
Description  GENERAL PURPOSE DUAL J-FET OPERATION AMPLIFIER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

TL082 Datasheet(HTML) 5 Page - Unisonic Technologies

  TL082 Datasheet HTML 1Page - Unisonic Technologies TL082 Datasheet HTML 2Page - Unisonic Technologies TL082 Datasheet HTML 3Page - Unisonic Technologies TL082 Datasheet HTML 4Page - Unisonic Technologies TL082 Datasheet HTML 5Page - Unisonic Technologies TL082 Datasheet HTML 6Page - Unisonic Technologies TL082 Datasheet HTML 7Page - Unisonic Technologies TL082 Datasheet HTML 8Page - Unisonic Technologies TL082 Datasheet HTML 9Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
UTCTL082
LINEAR INTEGRATED CIRCUIT
UTC UNISONIC TECHNOLOGIES CO., LTD.
5
QW-R105-019,A
UTC TL082BC ELECTRICAL CHARACTERISTICS
( Vcc=±15V, Ta=25
°C, Tmin=0°C ,Tmax=70°C, unless otherwise specified)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNIT
Input Offset Voltage (Rs=50
Ω)
Ta=25
°C
Tmin≦Ta≦Tmax
Vio
1
3
5
mV
Input Offset Voltage Drift
Dvio
10
µV/°C
Input Offset Current *
Ta=25
°C
Tmin≦Ta≦Tmax
Iio
5
100
4
pA
nA
Input Bias Current *
Ta=25
°C
Tmin≦Ta≦Tmax
Iib
20
200
20
pA
nA
Input Common Mode Voltage Range
Vicm
±11
-12~+15
V
Output Voltage Swing
Ta=25
Ω, RL=2kΩ,
Ta=25
°C, RL=10kΩ
Tmin≦Ta≦Tmax, RL=2k
Ω
Tmin≦Ta≦Tmax, RL=10k
Ω
±Vopp
10
12
10
12
12
13.5
V
Large Signal Voltage Gain (RL=2k
Ω,
Vo=
±10V) Ta=25°C
Tmin≦Ta≦Tmax
Avd
50
25
200
V/mV
Gain Bandwidth Product (Ta=25
°C)
Vin=10mV,RL=2k
Ω, CL=100pF,f=100kHZ
GBP
2.5
4
MHz
Input Resistance
Ri
1012
Ω
Common Mode Rejection Ratio (RS=50
Ω)
Ta=25
°C
Tmin≦Ta≦Tmax
CMR
80
80
86
dB
Supply Voltage Rejection Ratio (RS=50
Ω)
Ta=25
°C
Tmin≦Ta≦Tmax
SVR
80
80
86
dB
Supply Current,no load
Ta=25
°C
Tmin≦Ta≦Tmax
Icc
2.4
3.5
2.5
mA
Channel Separation (Av=100, Ta=25
°C)
V01/V02
120
dB
Output Short-circuit Current
Ta=25
°C
Tmin≦Ta≦Tmax
Ios
10
10
40
60
60
mA
Slew Rate (Ta=25
°C)
Vi=10V, RL=2k
Ω, CL=100pF,unity gain
SR
8
16
V/
µs
Rise Time (Ta=25
°C)
Vi=20mV, RL=2k
Ω, CL=100pF, unity gain
tr
0.1
µs
Overshoot (Ta=25
°C)
Vi=20mV, RL=2k
Ω, CL=100pF,unity gain
Kov
10
%
Total Harmonic Distortion (Ta=25
°C)
Av=20dB, f=1kHz,RL=2k
Ω, CL=100pF,
Vo=2Vpp
THD
0.01
%
Phase Margin
φm
45
Degrees
Equivalent Input Noise Voltage (RS=100
Ω,
f=1KHz)
en
15
nV
Hz
*The Input bias currents are junction leakage currents, which approximately double for every 10
°C increase
in the junction temperature.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com