Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TL082 Datasheet(PDF) 7 Page - Unisonic Technologies

Part # TL082
Description  GENERAL PURPOSE DUAL J-FET OPERATION AMPLIFIER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

TL082 Datasheet(HTML) 7 Page - Unisonic Technologies

  TL082 Datasheet HTML 1Page - Unisonic Technologies TL082 Datasheet HTML 2Page - Unisonic Technologies TL082 Datasheet HTML 3Page - Unisonic Technologies TL082 Datasheet HTML 4Page - Unisonic Technologies TL082 Datasheet HTML 5Page - Unisonic Technologies TL082 Datasheet HTML 6Page - Unisonic Technologies TL082 Datasheet HTML 7Page - Unisonic Technologies TL082 Datasheet HTML 8Page - Unisonic Technologies TL082 Datasheet HTML 9Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
UTCTL082
LINEAR INTEGRATED CIRCUIT
UTC UNISONIC TECHNOLOGIES CO., LTD.
7
QW-R105-019,A
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
16
14
2
68
10
4
12
0
Tamb=+25℃
No signal
No load
SUPPLY CURRENT PER AMPLIFIER
versus SUPPLY VOLTAGE
SUPPLY VOLTAGE(±V)
10 K
Vc c = ± 15 V
Av = 1
Vo (rms )=6 V
Ta mb= 2 5 ℃
0.1
TO TAL H AR M O N IC D IS T O R TIO N
v e rs us FR E Q U E N C Y
FR E Q U E N C Y (H Z)
0.00 1
0.00 4
0.01
0.04
0.4
1
100
40 0 1 K
4K
40 K 100 K



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com