Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TL072-S08-R Datasheet(PDF) 6 Page - Unisonic Technologies

Part # TL072-S08-R
Description  LOW NOISE DUAL J-FET OPERATIONAL AMPLIFIER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

TL072-S08-R Datasheet(HTML) 6 Page - Unisonic Technologies

Back Button TL072-S08-R Datasheet HTML 2Page - Unisonic Technologies TL072-S08-R Datasheet HTML 3Page - Unisonic Technologies TL072-S08-R Datasheet HTML 4Page - Unisonic Technologies TL072-S08-R Datasheet HTML 5Page - Unisonic Technologies TL072-S08-R Datasheet HTML 6Page - Unisonic Technologies TL072-S08-R Datasheet HTML 7Page - Unisonic Technologies TL072-S08-R Datasheet HTML 8Page - Unisonic Technologies TL072-S08-R Datasheet HTML 9Page - Unisonic Technologies TL072-S08-R Datasheet HTML 10Page - Unisonic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
TL072
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
6 of 11
www.unisonic.com.tw
QW-R105-004,E
UTC TL072 AC ELECTRICAL CHARACTERISTICS
(VCC=±15V, Ta=25°C, TMIN=0°C, TMAX=70°C, unless otherwise specified)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNIT
Ta=25
°C
3
6
mV
Input Offset Voltage
VI(OFF)
Rs=50
Ω
TMIN≦Ta≦TMAX
7
mV
Temperature
Coefficient
of
Input Offset Voltage
Dvio
Rs=50
Ω
10
µV/°C
Ta=25
°C
5
100
pA
Input Offset Current*
II(OFF)
TMIN≦Ta≦TMAX
4
nA
Ta=25
°C
20
200
pA
Input Bias Current*
II(BIAS)
TMIN≦Ta≦TMAX
20
nA
Input Common Mode Voltage
VI(COM)
±
11
-12~+15
V
Ta=25
Ω, RL=2kΩ
10
12
V
Ta=25
°C, RL=10kΩ
12
13.5
V
TMIN≦Ta≦TMAX, RL=2kΩ
10
V
Output Voltage Swing
VOPP
RL=10kΩ
TMIN≦Ta≦TMAX, RL=10kΩ
12
V
Ta=25
°C
50
200
V/mV
Large Signal Voltage Gain
Avd
RL=10kΩ, VOUT=±10V
TMIN≦Ta≦TMAX
25
V/mV
Gain Bandwidth Product
GBW
Ta=25
°C, RL=10kΩ, CL=100pF
2.5
4
MHz
Input Resistance
RIN
10
12
Ω
Ta=25
°C
80
86
dB
Common Mode Rejection Ratio
CMR
RS=50Ω
TMIN≦Ta≦TMAX
80
dB
Ta=25
°C
80
86
dB
Supply Voltage Rejection Ratio
SVR
RS=50Ω
TMIN≦Ta≦TMAX
80
dB
Ta=25
°C
1.4
2.5
mA
Supply Current (no load)
ICC
TMIN≦Ta≦TMAX
2.5
mA
Channel Separation
V01/V02 (Av=100, Ta=25
°C)
120
dB
Ta=25
°C
10
40
60
mA
Output Short-circuit Current
Ios
TMIN≦Ta≦TMAX
10
60
mA
Slew Rate
SR
VIN=10V, RL=2kΩ, CL=100pF, Ta=25°C,
unity gain
8
16
V/
µs
Rise Time
tR
VIN=20mV,RL=2kΩ, CL=100pF, Ta=25°C,
unity gain
0.1
µs
Overshoot Factor
Kov
VIN=20mV,RL=2kΩ, CL=100pF, Ta=25°C,
unity gain
10
%
Total Harmonic Distortion
THD
Av=20dB, f=1kHz, RL=2kΩ, CL=100pF,
Ta=25
°C, VOUT=2Vpp
0.01
%
Phase Margin
φm
45
Degrees
Equivalent Input Noise Voltage
eN
RS=100Ω, f=1KHz
15
nV
Hz
*The Input bias currents are junction leakage currents, which approximately double for every 10
°C increase in the
junction temperature.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com