Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TL072-S08-R Datasheet(PDF) 9 Page - Unisonic Technologies

Part # TL072-S08-R
Description  LOW NOISE DUAL J-FET OPERATIONAL AMPLIFIER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

TL072-S08-R Datasheet(HTML) 9 Page - Unisonic Technologies

Back Button TL072-S08-R Datasheet HTML 3Page - Unisonic Technologies TL072-S08-R Datasheet HTML 4Page - Unisonic Technologies TL072-S08-R Datasheet HTML 5Page - Unisonic Technologies TL072-S08-R Datasheet HTML 6Page - Unisonic Technologies TL072-S08-R Datasheet HTML 7Page - Unisonic Technologies TL072-S08-R Datasheet HTML 8Page - Unisonic Technologies TL072-S08-R Datasheet HTML 9Page - Unisonic Technologies TL072-S08-R Datasheet HTML 10Page - Unisonic Technologies TL072-S08-R Datasheet HTML 11Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
TL072
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
9 of 11
www.unisonic.com.tw
QW-R105-004,E
TYPICAL CHARACTERISTICS
Maximum Peak-to-Peak Output Voltage
versus Frequency
100
30
5
10M
1M
10
25
0
10k
Frequency (Hz)
15
100k
1k
20
VCC = ±15V
VCC = ±10V
VCC = ±5V
RL = 2kΩ
Ta = +25℃
See Figure 2
Maximum Peak-to-Peak Output Voltage
versus Frequency
100
30
5
10M
1M
10
25
0
10k
Frequency (Hz)
15
100k
1k
20
VCC = ±15V
VCC = ±10V
VCC = ±5V
RL = 10kΩ
Ta = +25℃
See Figure 2
Maximum Peak-to-Peak Output Voltage
versus Frequency
10k
30
5
10M
1M
10
25
0
400k
Frequency (Hz)
15
100k
40k
20
VCC = ±15V
RL = 2kΩ
See Figure 2
Maximum Peak-to-Peak Output Voltage
versus Free Air Temp.
-75
30
5
125
75
10
25
0
0
Temperature (℃)
15
50
-50
20
VCC = ±15V
See Figure 2
RL = 10kΩ
4M
Ta = +25℃
Ta = -40℃
Ta = +125℃
RL = 2kΩ
25
-25
100
Maximum Peak-to-Peak Output Voltage
versus Load Resistance
0.1
30
5
10
4
10
25
0
1
Load Resistance(kΩ)
15
0.4
0.2
20
VCC = ±15V
Ta = +25℃
See Figure 2
Maximum Peak-to-Peak Output Voltage
versus Supply Voltage
0
30
5
16
12
10
25
0
6
Supply Voltage(±V)
15
10
2
20
78
414
2
0.7
RL = 10kΩ
Ta = +25℃



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com