Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TL594L-S16-R Datasheet(PDF) 3 Page - Unisonic Technologies

Part # TL594L-S16-R
Description  PULSE-WIDTH-MODULATION CONTROL CIRCUIT
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

TL594L-S16-R Datasheet(HTML) 3 Page - Unisonic Technologies

  TL594L-S16-R Datasheet HTML 1Page - Unisonic Technologies TL594L-S16-R Datasheet HTML 2Page - Unisonic Technologies TL594L-S16-R Datasheet HTML 3Page - Unisonic Technologies TL594L-S16-R Datasheet HTML 4Page - Unisonic Technologies TL594L-S16-R Datasheet HTML 5Page - Unisonic Technologies TL594L-S16-R Datasheet HTML 6Page - Unisonic Technologies TL594L-S16-R Datasheet HTML 7Page - Unisonic Technologies TL594L-S16-R Datasheet HTML 8Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
TL594
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
3 of 8
www.unisonic.com.tw
QW-R103-031,A
FUNCTIONAL BLOCK DIAGRAM
16
Error Amp 1
1
+
-
2
1
IN+
IN-
PWM
Comparator
0.7mA
10
12
9
8
Q1
13
Flip–Flop
Reference
Regulator
Output Control
Q2
11
VCC
E1
C1
C2
E2
CK
Q
DQ
+
-
Oscillator
2
+
-
IN+
IN-
15
Error Amp 2
Deadtime
Comparator
Feedback PWM
Comparator Input
3
Gnd
7
Ref.
Output
14
UV
Lockout
0.1V
4
Deadtime
Control
CT
RT
0.7V



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com