Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TL594L-S16-R Datasheet(PDF) 4 Page - Unisonic Technologies

Part # TL594L-S16-R
Description  PULSE-WIDTH-MODULATION CONTROL CIRCUIT
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

TL594L-S16-R Datasheet(HTML) 4 Page - Unisonic Technologies

  TL594L-S16-R Datasheet HTML 1Page - Unisonic Technologies TL594L-S16-R Datasheet HTML 2Page - Unisonic Technologies TL594L-S16-R Datasheet HTML 3Page - Unisonic Technologies TL594L-S16-R Datasheet HTML 4Page - Unisonic Technologies TL594L-S16-R Datasheet HTML 5Page - Unisonic Technologies TL594L-S16-R Datasheet HTML 6Page - Unisonic Technologies TL594L-S16-R Datasheet HTML 7Page - Unisonic Technologies TL594L-S16-R Datasheet HTML 8Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
TL594
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
4 of 8
www.unisonic.com.tw
QW-R103-031,A
ABSOLUTE MAXIMUM RATINGS
(over operating free-air temperature range (unless otherwise noted)
Note1)
PARAMETER
SYMBOL
RATINGS
UNIT
Supply Voltage
VCC
41
V
Amplifier input voltage
VCC + 0.3
V
Collector output voltage
41
V
Collector output current
250
mA
Operating Junction Temperature
TJ
+150
°C
Operating Free-Air Temperature
TA
-40 ~ +85
°C
Storage Temperature
TSTG
-40 ~ 150
°C
Note 1. Stresses beyond “absolute maximum ratings” may cause permanent damage to the device. For reliability,
considerations use 80% or below for application is recommended.
THERMAL DATA
PARAMETER
SYMBOL
RATINGS
UNIT
DIP package
67
SOP package
64
Package thermal impedance
(see Notes 2 and 3)
TSSOP package
θJA
108
°C/W
Note 1. Maximum power dissipation is a function of TJ(max), θJA, and TA. The maximum allowable power dissipation
at any allowable ambient temperature is PD = (TJ(max) − TA)/θJA. Operating at the absolute maximum TJ of
150°C can affect reliability.
2. The package thermal impedance is calculated in accordance with JESD 51-7.
RECOMMENDED OPERATING CONDITIONS
PARAMETER
SYMBOL
MIN
MAX
UNIT
Supply voltage
VCC
7
40
V
Amplifier input voltage
VI
-0.3
VCC-2
V
Collector output voltage
VO
40
V
Collector output current (each transistor)
200
mA
Current into feedback terminal
0.3
mA
Timing capacitor
CT
0.47
10000
nF
Timing resistor
RT
1.8
500
kΩ
Oscillator frequency
fOSC
1
300
kHz
Operating free-air temperature Operating free-air
temperature
TA
-40
85
°C
FUNCTION TABLE
INPUT
Output CTRL
OUTPUT FUNCTION
VI = 0
Single-ended or parallel output
VI = VREF
Normal push-pull operation



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com