Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

U74HC2G32-SM1-R Datasheet(PDF) 4 Page - Unisonic Technologies

Part # U74HC2G32-SM1-R
Description  2-INPUT OR GATE
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

U74HC2G32-SM1-R Datasheet(HTML) 4 Page - Unisonic Technologies

  U74HC2G32-SM1-R Datasheet HTML 1Page - Unisonic Technologies U74HC2G32-SM1-R Datasheet HTML 2Page - Unisonic Technologies U74HC2G32-SM1-R Datasheet HTML 3Page - Unisonic Technologies U74HC2G32-SM1-R Datasheet HTML 4Page - Unisonic Technologies U74HC2G32-SM1-R Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
U74HC2G32
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
4 of 5
www.unisonic.com.tw
QW-R502-083,A
DYNAMIC CHARACTERISTICS (Input: tR,tF≤6ns;PRR≤1MHz)
See Fig-1 and Fig-2 for test circuit and waveforms.
TA=25℃
-40~85℃
-40~125℃
PARAMETER
SYMBOL TEST CONDITIONS
MIN TYP MAX
MIN
MAX
MIN
MAX
UNIT
VCC= 2.0, CL= 50pF
24
75
95
110
VCC= 4.5, CL= 50pF
9
15
19
22
Propagation Delay From
Input (A and B) to
Output(Y)
tPHL /tPLH
VCC= 6.0, CL= 50pF
7
13
16
20
ns
VCC= 2.0, CL= 50pF
18
75
95
125
VCC= 4.5, CL= 50pF
6
15
19
25
Output Transition Time
tTHL /tTLH
VCC= 6.0, CL= 50pF
5
13
16
20
ns
Operating Characteristics
PARAMETER
SYMBOL
TEST CONDITIONS
TYP
UNIT
Power Dissipation Capacitance
Cpd
No load, f=1MHz, VCC=5
10
pF



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com