Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

U74HC2G32-SM1-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # U74HC2G32-SM1-R
Description  2-INPUT OR GATE
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

U74HC2G32-SM1-R Datasheet(HTML) 1 Page - Unisonic Technologies

  U74HC2G32-SM1-R Datasheet HTML 1Page - Unisonic Technologies U74HC2G32-SM1-R Datasheet HTML 2Page - Unisonic Technologies U74HC2G32-SM1-R Datasheet HTML 3Page - Unisonic Technologies U74HC2G32-SM1-R Datasheet HTML 4Page - Unisonic Technologies U74HC2G32-SM1-R Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
UNISONIC TECHNOLOGIES CO., LTD
U74HC2G32
CMOS IC
www.unisonic.com.tw
1 of 5
Copyright © 2005 Unisonic Technologies Co., Ltd
QW-R502-083,A
2-INPUT OR GATE
DESCRIPTION
The U74HC2G32 is a 2-input OR gate which provides the
Function Y=A+B.
FEATURES
* Operation Voltage Range: 2.0~6.0V
* Low Power Dissipation:
ICC=10µA(Max)
* High Speed:
tpd=9ns(Vcc=4.5V, CL=50pF)
*Specified from -40 to +85℃ and -40 to +125℃
MSOP-8
*Pb-free plating product number:
U74HC2G32L
ORDERING INFORMATION
Order Number
Normal
Lead Free Plating
Package
Packing
U74HC2G32-SM1-R
U74HC2G32L-SM1-R
MSOP-8
Tape Reel
U74HC2G32-SM1-T
U74HC2G32L-SM1-T
MSOP-8
Tube
U74HC2G32L-SM1-R
(1)Packing Type
(2)Package Type
(3)Lead Plating
(1) R: Tape Reel, T: Tube
(2) SM1: MSOP-8
(3) L: Lead Free Plating, Blank: Pb/Sn
MARKING
03B
4
3
2
1
5
6
7
8
Lead Plating


Similar Part No. - U74HC2G32-SM1-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
U74HC2G32G-SM1-R UTC-U74HC2G32G-SM1-R Datasheet
160Kb / 5P
2-INPUT OR GATE
U74HC2G32G-SM1-T UTC-U74HC2G32G-SM1-T Datasheet
160Kb / 5P
2-INPUT OR GATE
U74HC2G32L-SM1-R UTC-U74HC2G32L-SM1-R Datasheet
160Kb / 5P
2-INPUT OR GATE
U74HC2G32L-SM1-T UTC-U74HC2G32L-SM1-T Datasheet
160Kb / 5P
2-INPUT OR GATE
U74HC2G32 UTC-U74HC2G32_15 Datasheet
160Kb / 5P
2-INPUT OR GATE
More results

Similar Description - U74HC2G32-SM1-R

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74AHC1G32 PHILIPS-74AHC1G32 Datasheet
80Kb / 12P
2-input OR gate
1999 Jan 27
logo
Toshiba Semiconductor
TC7SET32F TOSHIBA-TC7SET32F Datasheet
166Kb / 5P
2-INPUT OR GATE
TC7SL32F TOSHIBA-TC7SL32F Datasheet
211Kb / 5P
2-INPUT OR GATE
TC7SL32F TOSHIBA-TC7SL32F_01 Datasheet
227Kb / 6P
2-INPUT OR GATE
TC7SZ32AFE TOSHIBA-TC7SZ32AFE_07 Datasheet
154Kb / 5P
2 Input OR Gate
TC7S32F TOSHIBA-TC7S32F_01 Datasheet
229Kb / 6P
2-INPUT OR GATE
logo
Renesas Technology Corp
HD74ALVC1G32 RENESAS-HD74ALVC1G32 Datasheet
76Kb / 8P
2-input OR Gate
HD74ALVC1G32 RENESAS-HD74ALVC1G32_15 Datasheet
98Kb / 10P
2-input OR Gate
logo
Unisonic Technologies
U7SH32 UTC-U7SH32_15 Datasheet
138Kb / 4P
2-INPUT OR GATE
logo
First Silicon Co., Ltd
FC74VHC1G32 FS-FC74VHC1G32 Datasheet
399Kb / 4P
2-Input OR Gate
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com