Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UA8888SL-SH1-R Datasheet(PDF) 4 Page - Unisonic Technologies

Part # UA8888SL-SH1-R
Description  5-CHANNEL BTL DRIVER FOR DVD PLAYER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UA8888SL-SH1-R Datasheet(HTML) 4 Page - Unisonic Technologies

  UA8888SL-SH1-R Datasheet HTML 1Page - Unisonic Technologies UA8888SL-SH1-R Datasheet HTML 2Page - Unisonic Technologies UA8888SL-SH1-R Datasheet HTML 3Page - Unisonic Technologies UA8888SL-SH1-R Datasheet HTML 4Page - Unisonic Technologies UA8888SL-SH1-R Datasheet HTML 5Page - Unisonic Technologies UA8888SL-SH1-R Datasheet HTML 6Page - Unisonic Technologies UA8888SL-SH1-R Datasheet HTML 7Page - Unisonic Technologies UA8888SL-SH1-R Datasheet HTML 8Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
UA8888S
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
4 of 8
www.unisonic.com.tw
QW-R109-015,B
ABSOLUTE MAXIMUM RATINGS (Ta=25℃)
PARAMETER
SYMBOL
RATINGS
UNIT
Supply Voltage
VCC
15
V
Power Dissipation (Note)
Derating Rate Ta>25℃
PD
1.7
13.6
W
mW /℃
Operate Temperature
TOPR
-35 ~ +85
℃
Storage Temperature
TSTG
-55 ~ +150
℃
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
GUARANTEED OPERATING CONDITIONS (Ta=25℃)
PARAMETER
SYMBOL
RATINGS
UNIT
VCC1
4.5~13.2
V
Power Supply Voltage
VCC2
4.5~VCC1
V
ELECTRICAL CHARACTERISTICS
(Ta=25℃, VCC1=12V, VCC2=5V, Bias=2.5V, RL=8Ω/10Ω/20Ω/45Ω, unless otherwise specified.)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
ON
VSTON
0
0.5
V
Voltage for Mute
OFF
VSTOFF
2.0
5
V
Quiescent Current
IQ
25
mA
Actuator Drivers
Output Offset Voltage
VO(OFF)
±50
mV
Maximum Output Voltage
VO(MAX)
@10Ω Load
3.6
4.0
V
Voltage Gain
GV
VIN=Bias+0.2Vpp ac @1KHz
23.5
dB
Sled Motor Driver
Output Offset Voltage
VO(OFF)
±100
mV
Maximum Output Voltage
VO(MAX)
@20Ω Load
7.5
9.0
V
Closed Loop Voltage Gain
GV(CL)
VIN=Bias+0.2Vpp ac @1KHz
18
20
22
dB
Spindle Motor Driver
Output Offset Voltage
VO(OFF)
±50
mV
Maximum Output Voltage
VO(MAX)
@8Ω Load
3.5
V
Voltage Gain
GV
VIN=Bias+0.2Vpp ac @1KHz
13.3
15.5
17.5
dB
Gain Error by Polarity
G
△ V
VIN=Bias+0.2Vpp ac @1KHz
0
1
2
dB
Tray Motor Driver
VO(SAT1)
Upper + Lower saturation
IL=200mA
0.7
1.1
1.5
V
Output Saturation Voltage
VO(SAT2)
Upper + Lower saturation
IL=500mA
1.0
1.55
2.2
V
Output Saturation Voltage Between F&R
V
△ O(SAT1)
Output saturation voltage 1
between FWD and REV
0.1
V
Output Adjustable Gain on “H” Side
Voltage
GV(ADJ)
VCTL=2V
7.4
9.2
11
dB
Tray Motor Driver Input Logic
High
VI(H)
1.5
Vcc
V
Level Input Voltage
Low
VI(L)
-0.3
0.5
V
High Level Input Current
II(H)
VFWD=VREV=5V
180
270
µA
Regulator
(Note 2)
Output Voltage
VOUT
IL = 500mA(Note 3)
1.5
4.0
V
Output Load Differential
V
△ O(DIFF) IL = 0 ~ 500mA
-50
0
50
mV
Power supply Voltage Differential
V
△ VCC
(VCC=4.5~8V), IL = 500mA
-25
0
25
mV
Note: 1.This device is not designed for protection against radioactive rays.
2. Based on 8550C PNP application.
3. Based on 8550D.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com