Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UA8888SL-SH1-R Datasheet(PDF) 6 Page - Unisonic Technologies

Part # UA8888SL-SH1-R
Description  5-CHANNEL BTL DRIVER FOR DVD PLAYER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UA8888SL-SH1-R Datasheet(HTML) 6 Page - Unisonic Technologies

  UA8888SL-SH1-R Datasheet HTML 1Page - Unisonic Technologies UA8888SL-SH1-R Datasheet HTML 2Page - Unisonic Technologies UA8888SL-SH1-R Datasheet HTML 3Page - Unisonic Technologies UA8888SL-SH1-R Datasheet HTML 4Page - Unisonic Technologies UA8888SL-SH1-R Datasheet HTML 5Page - Unisonic Technologies UA8888SL-SH1-R Datasheet HTML 6Page - Unisonic Technologies UA8888SL-SH1-R Datasheet HTML 7Page - Unisonic Technologies UA8888SL-SH1-R Datasheet HTML 8Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
UA8888S
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
6 of 8
www.unisonic.com.tw
QW-R109-015,B
OPERATION NOTES
(1) The thermal shutdown function will be triggered while the chip junction temperature reach 150
typical,
℃
and
then the output current is muted. The hysteresis is set to 25
ty
℃
pical, so the circuit will start up again when the
chip temperature falling to 125℃ typical.
(2) In case mute pin voltage is under 0.5V or NC, output current is muted except for tray motor driver. Mute pin
voltage should be more than 2.0V for normal application.
(3) Pin 27(Bias pin) should be pulled up to more than 1.2V. In case the bias pin voltage is pulled down below
0.9V(typ.), the output current is muted.
(4) Insert the bypass capacitor (~0.1µF) between VCC pin and GND pin as close as possible.
(5) Ground-plane wiring up to GND is performed and should tightly connect to external GND.
(6) Pin 20 and 24 should be floated due to reserve for internal test only.
(7) When Vcc1 voltage drop to below 3.8V, schematic is muted. The schematic will return to work when Vcc1 rise
up with a hysterisis of 0.3V(typ.)
(8) Tray driver logic input:
FWD (pin6)
REV (pin7)
VOTR+ (pin10)
VOTR- (pin9)
Function
L
L
OPEN
OPEN
Open mode
L
H
L
H
Reverse mode
H
L
H
L
Forward mode
H
H
L
L
Brake mode
Pin 6 and Pin 7 are designed to avoid simultaneous activation of upper and lower output transistors, however, in
order to improve reliability, apply motor forward/reverse input once through open mode.
We recommend time period for open longer than 10msec.
The voltage between “H” side and “L” side output voltage is equal to three times(9.2dB Typ.) VTCL voltage(Pin21).
And the “H” side and “L” side output voltage both equal to VCC/2 when in open mode and brake mode.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com