Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UAC3092-S24-R Datasheet(PDF) 3 Page - Unisonic Technologies

Part # UAC3092-S24-R
Description  ALTERNATOR VOLTAGE REGULATOR
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UAC3092-S24-R Datasheet(HTML) 3 Page - Unisonic Technologies

  UAC3092-S24-R Datasheet HTML 1Page - Unisonic Technologies UAC3092-S24-R Datasheet HTML 2Page - Unisonic Technologies UAC3092-S24-R Datasheet HTML 3Page - Unisonic Technologies UAC3092-S24-R Datasheet HTML 4Page - Unisonic Technologies UAC3092-S24-R Datasheet HTML 5Page - Unisonic Technologies UAC3092-S24-R Datasheet HTML 6Page - Unisonic Technologies UAC3092-S24-R Datasheet HTML 7Page - Unisonic Technologies UAC3092-S24-R Datasheet HTML 8Page - Unisonic Technologies UAC3092-S24-R Datasheet HTML 9Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
UAC3092
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
3 of 9
www.unisonic.com.tw
QW-R101-017,B
PIN DESCRIPTION
20-pin
Package
24-pin
Package
PIN No.
PIN NAME
DESCRIPTION
1
1
FB
This pin provides a filtered result of the Sense input (if the Sense input is used)
or the Supply Regulation input (if the Sense input is not used).
2
2
Sense
The Sense input is a remote, low current battery voltage reference input used
to give an accurate representation of the true battery voltage. This input is also
used to monitor overvoltage or load dump conditions.
3
3
Lamp
Collector and
Power-Up/Do
wn
This pin connects to the collector of the transistor (Q2) used to drive the fault
lamp. It is also used to sense a closed ignition switch (voltage sense) which
then turns power on to the IC.
4
4
Lamp Base
The Lamp Base pin provides base current to the fault lamp drive transistor
(Q2).
5
5
Ground
Grounded to provide a ground return for the fault lamp control logic circuit.
6, 15
6,15
Ground
IC ground reference pins.
7
7
Oscillator
Adjust
A resistor to ground on this pin adjusts the internal oscillator frequency.
8
8
VREF0
This is a test point for the 1.1V to 1.4V reference voltage. It has a zero
temperature coefficient. The reference is used internally for phase signal and
undervoltage detection.
9
9
Oscillator
Test point for checking the operation of the internal oscillator.
10
10
Phase
The Phase input detects the existence of a magnetic field rotating within the
alternator.
11
11
Rate
The Rate pin is used to select a slow mode (floating) or fast mode (ground)
Load
Response Control recovery rate.
12
12
Supply
Regulation
The voltage on the Supply Regulation pin is used as a representation of the
alternator output voltage. This input also used to monitor overvoltage or load
dump conditions.
13
13
VCC3
Positive supply for the internal Charge Pump.
14
14
VCC1
Positive supply for the entire IC except for the Charge Pump.
15,6
15,6
Ground
Ground reference for the IC.
16
16,17,18,
19,20
N/C
No connection.
17
21
Gate
Controls the Gate of the MOSFET used to energize the field winding.
18
22
Source
Field winding control MOSFET source reference.
19
23
Undervoltage
If the voltage at this pin goes below 1.0 V, the fault lamp is guaranteed to turn
on. The IC will continue to function, but with limited performance.
20
24
VREF
Test point for the 1.7 V to 2.3 V Band gap reference voltage. This voltage has
a negative temperature coefficient of approximately –11 mV/℃
Note:
Pins 8, 9, 20(20 Pin Package) and 24(24 Pin Package) are test points only.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com