Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UAC3092-S24-R Datasheet(PDF) 6 Page - Unisonic Technologies

Part # UAC3092-S24-R
Description  ALTERNATOR VOLTAGE REGULATOR
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UAC3092-S24-R Datasheet(HTML) 6 Page - Unisonic Technologies

  UAC3092-S24-R Datasheet HTML 1Page - Unisonic Technologies UAC3092-S24-R Datasheet HTML 2Page - Unisonic Technologies UAC3092-S24-R Datasheet HTML 3Page - Unisonic Technologies UAC3092-S24-R Datasheet HTML 4Page - Unisonic Technologies UAC3092-S24-R Datasheet HTML 5Page - Unisonic Technologies UAC3092-S24-R Datasheet HTML 6Page - Unisonic Technologies UAC3092-S24-R Datasheet HTML 7Page - Unisonic Technologies UAC3092-S24-R Datasheet HTML 8Page - Unisonic Technologies UAC3092-S24-R Datasheet HTML 9Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
UAC3092
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
6 of 9
www.unisonic.com.tw
QW-R101-017,B
ELECTRICAL CHARACTERISTICS(Cont.)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
SWITCHING CHARACTERISTICS
Fundamental Regulation Output
Frequency, [Pin 17 (21**)]
f
Clock oscillator frequency divided by
4096
68
Hz
Suggested Clock Oscillator
Frequency Range, (Pin 9)
fosc
Determined by external resistor, RT
205
280
350
kHz
Duty Cycle [Pin 17 (21**)]
At Start–up
During Overvoltage Condition
StartDC
OVDC
27
3.5
29
4.7
31
5.5
%
Low/High RPM Transition
Frequency (Pin 10)
LRCFreq
247
273
309
Hz
LRCS
Low RPM Mode (LRCFreq < 247 Hz),
Pin 11 = Open (Slow Rat)
8.5
9.5
10.5
LRCF
Low RPM Mode (LRCFreq < 247 Hz),
Pin 11 = Grounded (Fast Rate)
34
38
42
LRC Duty Cycle Increase Rate
LRCH
High RPM Mode (LRCFreq > 309 Hz),
Pin 11 = Don’t Care (LRC Mode is
disabled)
409
455
501
%/sec
Note:
** For 24-pin package.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com