Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UAC3092AL-S20-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # UAC3092AL-S20-R
Description  ALTERNATOR VOLTAGE REGULATOR
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UAC3092AL-S20-R Datasheet(HTML) 1 Page - Unisonic Technologies

  UAC3092AL-S20-R Datasheet HTML 1Page - Unisonic Technologies UAC3092AL-S20-R Datasheet HTML 2Page - Unisonic Technologies UAC3092AL-S20-R Datasheet HTML 3Page - Unisonic Technologies UAC3092AL-S20-R Datasheet HTML 4Page - Unisonic Technologies UAC3092AL-S20-R Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
UNISONIC TECHNOLOGIES CO., LTD
UAC3092A
LINEAR INTEGRATED CIRCUIT
www.unisonic.com.tw
1 of 5
Copyright © 2006 Unisonic Technologies Co., Ltd
QW-R121-005,B
ALTERNATOR VOLTAGE
REGULATOR
DESCRIPTION
The UTC UAC3092A is designed for Load Response Control
and voltage regulation of diode rectified alternator charging
systems for automotive applications.
FEATURES
* Forced load response control (LRC) with heavy load transitions
at low RPM
* Voltage regulated to ± 0.1V @ 25°C
* External resistor adjustable operating frequency
* Regulation is effective with loads as high as 1.0A
* Load dump protection of lamp, field control devices, and loads
* Undervoltage, overvoltage , phase fault (broken belt) detection
and duty cycle limited protections
SOP-20
*Pb-free plating product number: UAC3092AL
ORDERING INFORMATION
Order Number
Normal
Lead Free Plating
Package
Packing
UAC3092A-S20-R
UAC3092AL-S20-R
SOP-20
Tape Reel
UAC3092A-S20-T
UAC3092AL-S20-T
SOP-20
Tube
UAC3092AL-S20-R
(1)Packing Type
(2)Package Type
(3)Lead Plating
(1) R: Tape Reel, T: Tube
(2) S20: SOP-20
(3) L: Lead Free Plating, Blank: Pb/Sn


Similar Part No. - UAC3092AL-S20-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UAC3092AL-S20-R UTC-UAC3092AL-S20-R Datasheet
113Kb / 5P
ALTERNATOR VOLTAGE REGULATOR
More results

Similar Description - UAC3092AL-S20-R

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L9407F STMICROELECTRONICS-L9407F Datasheet
124Kb / 11P
CAR ALTERNATOR VOLTAGE REGULATOR
Feb-2003
logo
Unisonic Technologies
UAC3092 UTC-UAC3092 Datasheet
132Kb / 9P
ALTERNATOR VOLTAGE REGULATOR
logo
Freescale Semiconductor...
MC33092A FREESCALE-MC33092A Datasheet
295Kb / 12P
Alternator Voltage Regulator
33099 FREESCALE-33099 Datasheet
683Kb / 18P
Adaptive Alternator Voltage Regulator
logo
Unisonic Technologies
UAC33092 UTC-UAC33092 Datasheet
233Kb / 9P
ALTERNATOR VOLTAGE REGULATOR
UAC33092A UTC-UAC33092A Datasheet
187Kb / 5P
ALTERNATOR VOLTAGE REGULATOR
UAC33092 UTC-UAC33092_15 Datasheet
233Kb / 9P
ALTERNATOR VOLTAGE REGULATOR
UAC33092A UTC-UAC33092A_15 Datasheet
187Kb / 5P
ALTERNATOR VOLTAGE REGULATOR
UAC3092 UTC-UAC3092_15 Datasheet
138Kb / 9P
ALTERNATOR VOLTAGE REGULATOR
UAC3092A UTC-UAC3092A_15 Datasheet
113Kb / 5P
ALTERNATOR VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com