Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1069482 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 1069482
Description  M17-3EP1N8A8003/1,5 - Cable connector
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1069482 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  1069482 Datasheet HTML 1Page - PHOENIX CONTACT 1069482 Datasheet HTML 2Page - PHOENIX CONTACT 1069482 Datasheet HTML 3Page - PHOENIX CONTACT 1069482 Datasheet HTML 4Page - PHOENIX CONTACT 1069482 Datasheet HTML 5Page - PHOENIX CONTACT 1069482 Datasheet HTML 6Page - PHOENIX CONTACT 1069482 Datasheet HTML 7Page - PHOENIX CONTACT 1069482 Datasheet HTML 8Page - PHOENIX CONTACT 1069482 Datasheet HTML 9Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
Please be informed that the data shown in this PDF document is generated from our online catalog. Please find the complete data in the user
documentation. Our general terms of use for downloads are valid.
M17, Cable connector, series: M17 PRO, straight, shielded: yes, Screw locking mechanism, No.
of pos.: 3+PE, contact connection type: Pin, Crimp connection, cable diameter range: 5.5 mm ...
9.5 mm, coding: N, Item is lead-free in accordance with RoHS II without Exemption 6c (Pb <0.
1%)
Your advantages
Solutions with cross-manufacturer compatibility for standard and fast locking systems
•
Reliable under the harshest conditions: cable connectors with vibration brake
•
Modern, consistent design for highly convenient operation
•
Easy, cost-effective cable assembly: uniform shielding of M17 to M40
•
Commercial data
Item number
1069482
Packing unit
1 pc
Minimum order quantity
1 pc
Sales key
AB36
Product key
ABRBAA
GTIN
4055626744193
Weight per piece (including packing)
22.22 g
Weight per piece (excluding packing)
80 g
Customs tariff number
85366990
Country of origin
DE
M17-3EP1N8A8003/1,5 - Cable connector
1069482
https://www.phoenixcontact.com/us/products/1069482
Oct 10, 2023, 5:13 AM
Page 1 (13)


Similar Part No. - 1069482

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1069483 PHOENIX-1069483 Datasheet
419Kb / 12P
M17-3EP1N8A8004/1,5 - Cable connector
1069484 PHOENIX-1069484 Datasheet
1Mb / 13P
M17-3ES1N8A8002/1,5 - Cable connector
1069485 PHOENIX-1069485 Datasheet
348Kb / 8P
M17-3ES1N8A8003/1,5 - Cable connector
1069486 PHOENIX-1069486 Datasheet
1Mb / 13P
M17-3ES1N8A8004/1,5 - Cable connector
1069487 PHOENIX-1069487 Datasheet
1Mb / 12P
M17-3EP1N8A8002S/1,5 - Cable connector
More results

Similar Description - 1069482

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1607663 PHOENIX-1607663 Datasheet
500Kb / 14P
ST-3EP1N8A8003 - Cable connector
1628988 PHOENIX-1628988 Datasheet
1Mb / 10P
M17-6ES1N8A8003S - Cable connector
1629005 PHOENIX-1629005 Datasheet
1Mb / 11P
M17-17S1N8A8004S - Cable connector
1629010 PHOENIX-1629010 Datasheet
1Mb / 12P
M17-17P1N8A8002S - Cable connector
1629050 PHOENIX-1629050 Datasheet
1Mb / 12P
M17-17P1N8A8004 - Cable connector
1069491 PHOENIX-1069491 Datasheet
1Mb / 12P
M17-3ES1N8A8003S/1,5 - Cable connector
1069486 PHOENIX-1069486 Datasheet
1Mb / 13P
M17-3ES1N8A8004/1,5 - Cable connector
1628975 PHOENIX-1628975 Datasheet
1Mb / 14P
M17-8ES1N8A8004S - Cable connector
1629017 PHOENIX-1629017 Datasheet
1Mb / 15P
M17-8ES1N8A8004 - Cable connector
1629049 PHOENIX-1629049 Datasheet
1Mb / 13P
M17-17S1N8A8002 - Cable connector
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com