Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2N6718L-B-T92-R Datasheet(PDF) 2 Page - Unisonic Technologies

Part # 2N6718L-B-T92-R
Description  NPN GENERAL PLANAR TRANSISTOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

2N6718L-B-T92-R Datasheet(HTML) 2 Page - Unisonic Technologies

  2N6718L-B-T92-R Datasheet HTML 1Page - Unisonic Technologies 2N6718L-B-T92-R Datasheet HTML 2Page - Unisonic Technologies 2N6718L-B-T92-R Datasheet HTML 3Page - Unisonic Technologies 2N6718L-B-T92-R Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2N6718
NPN SILICON TRANSISTOR
UNISONICTECHNOLOGIESCO.,LTD
2 of 4
www.unisonic.com.tw
QW-R201-056,B
ABSOLUTE MAXIMUM RATING (Ta=25℃, unless otherwise specified)
PARAMETER
SYMBOL
RATINGS
UNIT
Collector-Base Voltage
VCBO
100
V
Collector-Emitter Voltage
VCEO
100
V
Emitter-Base Voltage
VEBO
5
V
Collector Current (Continue)
IC
1
A
Collector Current (Pulse)
IC
2
A
SOT-89
0.5
W
TO-126C
1.6
W
Total Power Dissipation
TO-92
PD
850
mW
Junction Temperature
TJ
+150
Storage Temperature
TSTG
-55 ~ +150
Note Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
ELECTRICAL CHARACTERISTICS (Ta=25℃, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Collector-Base Breakdown Voltage
BVCBO IC=100uA
100
V
Collector-Emitter Breakdown Voltage (note)
BVCEO IC=1mA
100
V
Emitter-Base Breakdown Voltage
BVEBO IE=10µA
5
V
Collector-Emitter Saturation Voltage
VCE(SAT) IC=350mA, IB=35mA
350
mV
Collector Cut-Off Current
ICBO
VCB=80V
100
nA
hFE1
VCE=1V, IC=50mA
80
hFE2
VCE=1V, IC=250mA
50
300
DC Current Gain
hFE3
VCE=1V, IC=500mA
20
Current Gain - Bandwidth Product
fT
VCE=10V, IC=50mA,
f=100MHz
50
MHz
Output Capacitance
Cob
VCB=10V, IE=0, f=1MHz
20
pF
Note: Pulse test: PulseWidth≤380
µs, Duty Cycle≤2%
CLASSIFICATION OF hFE2
RANK
A
B
RANGE
50~115
95~300



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com